Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 199 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 199 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 195Page - Microchip Technology PIC12F635ESS Datasheet HTML 196Page - Microchip Technology PIC12F635ESS Datasheet HTML 197Page - Microchip Technology PIC12F635ESS Datasheet HTML 198Page - Microchip Technology PIC12F635ESS Datasheet HTML 199Page - Microchip Technology PIC12F635ESS Datasheet HTML 200Page - Microchip Technology PIC12F635ESS Datasheet HTML 201Page - Microchip Technology PIC12F635ESS Datasheet HTML 202Page - Microchip Technology PIC12F635ESS Datasheet HTML 203Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 197
PIC12F635/PIC16F636/639
FIGURE 16-12:
MAXIMUM IDD vs. FOSC OVER VDD (HFINTOSC MODE)
FIGURE 16-13:
TYPICAL IPD vs. VDD (SLEEP MODE, ALL PERIPHERALS DISABLED)
HFINTOSC
2.0V
3.0V
4.0V
5.0V
5.5V
0
200
400
600
800
1,000
1,200
1,400
1,600
1,800
2,000
125 kHz
250 kHz
500 kHz
1 MHz
2 MHz
4 MHz
8 MHz
FOSC
Typical: Statistical Mean @25°C
Maximum: Mean (Worst Case Temp) + 3
σ
(-40°C to 125°C)
Typical
(Sleep Mode all Peripherals Disabled)
0.0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (V)
Typical: Statistical Mean @25°C
Maximum: Mean (Worst Case Temp) + 3
σ
(-40°C to 125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com