Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975 Datasheet(PDF) 33 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 33 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 29Page - Advanced Micro Devices AM79C975 Datasheet HTML 30Page - Advanced Micro Devices AM79C975 Datasheet HTML 31Page - Advanced Micro Devices AM79C975 Datasheet HTML 32Page - Advanced Micro Devices AM79C975 Datasheet HTML 33Page - Advanced Micro Devices AM79C975 Datasheet HTML 34Page - Advanced Micro Devices AM79C975 Datasheet HTML 35Page - Advanced Micro Devices AM79C975 Datasheet HTML 36Page - Advanced Micro Devices AM79C975 Datasheet HTML 37Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 304 page
background image
Am79C973/Am79C975
33
P R E L I M INARY
mode of operation. This pin is implemented for designs
that do not support the PME function.
Three bits that are loaded from the EEPROM into
CSR116 can program the characteristics of this pin:
1. RWU_POL determines the polarity of the RWU sig-
nal.
2. If RWU_GATE bit is set, RWU is forced to the high
impedance state when PG input is LOW.
3. RWU_DRIVER determines whether the output is
open drain or totem pole.
The internal power-on-reset signal forces this output
into the high impedance state until after the polarity and
drive type have been determined.
WUMI
Wake-Up Mode Indicator
Output
This output, which is capable of driving an LED, is as-
serted when the device is in Magic Packet mode. It can
be used to drive external logic that switches the device
power source from the main power supply to an auxil-
iary power supply.
EEPROM Interface
EECS
EEPROM Chip Select
Output
This pin is designed to directly interface to a serial EE-
PROM that uses the 93C46 EEPROM interface proto-
col. EECS is connected to the EEPROM’s chip select
pin. It is controlled by either the Am79C973/Am79C975
controller during command portions of a read of the en-
tire EEPROM, or indirectly by the host system by writ-
ing to BCR19, bit 2.
EEDI
EEPROM Data In
Output
This pin is designed to directly interface to a serial
EEPROM that uses the 93C46 EEPROM interface pro-
tocol. EEDI is connected to the EEPROM’s data input
pin. It is controlled by either the Am79C973/Am79C975
controller during command portions of a read of the en-
tire
EEPROM, or indirectly by the host system
by writing to BCR19, bit 0.
Note: The EEDI pin is multiplexed with the LED0 pin.
EEDO
EEPROM Data Out
Input
This pin is designed to directly interface to a serial
EEPROM that uses the 93C46 EEPROM interface pro-
tocol. EEDO is connected to the EEPROM’s data out-
put pin. It is controlled by either the Am79C973/
Am79C975Am79C 973/Am79C975Am79C973/
Am79C975 controller during command portions of a
read of the entire EEPROM, or indirectly by the host
system by reading from BCR19, bit 0.
Note: The EEDO pin is multiplexed with the LED3 and
MIIRXFRTGD pins.
EESK
EEPROM Serial Clock
Output
This pin is designed to directly interface to a serial
EEPROM that uses the 93C46 EEPROM interface pro-
tocol. EESK is connected to the EEPROM’s clock pin.
It is controlled by either the Am79C973/Am79C975
controller directly during a read of the entire EEPROM,
or indirectly by the host system by writing to BCR19, bit
1.
Note: The EESK pin is multiplexed with the LED1 and
SFBD pins.
The EESK pin is also used during EEPROM Auto-
Detection to determine whether or not an EEPROM is
present at the Am79C973/Am79C975 controller inter-
face. At the rising edge of the last CLK edge while RST
is asserted, EESK is sampled to determine the value of
the EEDET bit in BCR19. A sampled HIGH value
means that an EEPROM is present, and EEDET will be
set to 1. A sampled LOW value means that an EE-
PROM is not present, and EEDET will be set to 0. See
the EEPROM Auto-Detection section for more details.
If no LED circuit is to be attached to this pin, then a pull
up or pull down resistor must be attached instead to re-
solve the EEDET setting.
WARNING: The input signal level of EESK must be
valid for correct EEPROM detection before the
deassertion of RST.
Expansion Bus Interface
EBUA_EBA[7:0]
Expansion Bus Upper Address/
Expansion Bus Address [7:0]
Output
The EBUA_EBA[7:0] pins provide the least and most
significant bytes of address on the Expansion Bus. The
most significant address byte (address bits [19:16] dur-
ing boot device accesses) is valid on these pins at the
beginning of a boot device access, at the rising edge of
AS_EBOE. This upper address byte must be stored ex-
ternally in a D flip-flop. During subsequent cycles of a
boot device access, address bits [7:0] are present on
these pins.
All EBUA_EBA[7:0] outputs are forced to a constant
level to conserve power while no access on the Expan-
sion Bus is being performed.
Note: EBUA_EBA[7:5] pins are multiplexed with the
TX_ER, PHY_RST, and MDC pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com