Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975 Datasheet(PDF) 35 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 35 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 31Page - Advanced Micro Devices AM79C975 Datasheet HTML 32Page - Advanced Micro Devices AM79C975 Datasheet HTML 33Page - Advanced Micro Devices AM79C975 Datasheet HTML 34Page - Advanced Micro Devices AM79C975 Datasheet HTML 35Page - Advanced Micro Devices AM79C975 Datasheet HTML 36Page - Advanced Micro Devices AM79C975 Datasheet HTML 37Page - Advanced Micro Devices AM79C975 Datasheet HTML 38Page - Advanced Micro Devices AM79C975 Datasheet HTML 39Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 304 page
background image
Am79C973/Am79C975
35
P R E L I M INARY
group error. TX_ER is unused and is reserved for future
use and will always be driven to a logical zero.
Note: The
TX_ER
pin
is
multiplexed
with
the
EBUA_EBA7 pin.
COL
Collision
Input
COL is an input that indicates that a collision has been
detected on the network medium.
Note: The COL pin is multiplexed with the EBDA15
pin.
CRS
Carrier Sense
Input
CRS is an input that indicates that a non-idle medium,
due either to transmit or receive activity, has been de-
tected.
Note: The CRS pin is multiplexed with the EBDA14
pin.
RX_ER
Receive Error
Input
RX_ER is an input that indicates that the MII trans-
ceiver device has detected a coding error in the receive
frame currently being transferred on the RXD[3:0] pins.
When RX_ER is asserted while RX_DV is asserted, a
CRC error will be indicated in the receive descriptor for
the incoming receive frame. RX_ER is ignored while
RX_DV is deasserted. Special code groups generated
on RXD while RX_DV is deasserted are ignored (e.g.,
Bad SSD in TX and IDLE in T4). RX_ER transitions are
synchronous to RX_CLK rising edges.
Note: The RX_ER pin is multiplexed with the EBD6
pin.
MDC
Management Data Clock
Output
MDC is a non-continuous clock output that provides a
timing reference for bits on the MDIO pin. During MII
management port operations, MDC runs at a nominal
frequency of 2.5 MHz. When no management opera-
tions are in progress, MDC is driven LOW. The MDC is
derived from the Time Base Clock.
If the MII port is not selected, the MDC pin can be left
floating.
Note: The
MDC
pin
is
multiplexed
with
the
EBUA_EBD5 pin.
MDIO
Management Data I/O
Input/Output
MDIO is the bidirectional MII management port data
pin. MDIO is an output during the header portion of the
management frame transfers and during the data por-
tions of write transfers. MDIO is an input during the
data portions of read data transfers. When an operation
is not in progress on the management port, MDIO is not
dr ive n. M DIO transitions from the Am79C9 73/
Am79C975 controller are synchronous to MDC falling
edges.
If the PHY is attached through an MII physical connec-
tor, then the MDIO pin should be externally pulled down
to VSS with a 10-k
Ω
±5% resistor. If the PHY is on
board, then the MDIO pin should be externally pulled
up to VCC with a 10-k
Ω
±5% resistor.
Note: The MDIO pin is multiplexed with the EBDA13
pin.
PHY_RST
Physical Layer Reset
Output
PHY_RST is an output pin that is used to reset an ex-
ternal PHY. This output eliminates the need for a fan
out buffer for the PCI RST signal, provides polarity for
the specific external PHY used, and prevents the reset-
ting of the external PHY when the PG input is LOW.
The output polarity is determined by RST_POL bit
(CSR 116, bit 0).
Note: The PHY_RST pin is multiplexed with the
EBUA_EBA6 pin.
RX_CLK
Receive Clock
Input
RX_CLK is a clock input that provides the timing refer-
ence for the transfer of the RX_DV, RXD[3:0], and
RX_ER signals into the Am79C973/Am79C975 device.
RX_CLK must provide a nibble rate clock (25% of the
network data rate). Hence, when the Am79C973/
Am79C975 device is operating at 10 Mbps, it provides
an RX_CLK frequency of 2.5 MHz, and at 100 Mbps it
provides an RX_CLK frequency of 25 MHz.
Note: The RX_CLK pin is multiplexed with the EBD5
pin.
RXD[3:0]
Receive Data
Input
RXD[3:0] is the nibble-wide MII-compatible receive
data bus. Data on RXD[3:0] is sampled on every rising
edge of RX_CLK while RX_DV is asserted. RXD[3:0] is
ignored while RX_DV is de-asserted.
Note: The RXD[3:0] pin is multiplexed with the
EBD[3:0] pins.
RX_DV
Receive Data Valid
Input
RX_DV is an input used to indicate that valid received
data is being presented on the RXD[3:0] pins and
RX_CLK is synchronous to the receive data. In order
for a frame to be fully received by the Am79C973/
Am79C975 device, RX_DV must be asserted prior to
the RX_CLK rising edge, when the first nibble of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com