Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975 Datasheet(PDF) 82 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 82 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 78Page - Advanced Micro Devices AM79C975 Datasheet HTML 79Page - Advanced Micro Devices AM79C975 Datasheet HTML 80Page - Advanced Micro Devices AM79C975 Datasheet HTML 81Page - Advanced Micro Devices AM79C975 Datasheet HTML 82Page - Advanced Micro Devices AM79C975 Datasheet HTML 83Page - Advanced Micro Devices AM79C975 Datasheet HTML 84Page - Advanced Micro Devices AM79C975 Datasheet HTML 85Page - Advanced Micro Devices AM79C975 Datasheet HTML 86Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 304 page
background image
82
Am79C973/Am79C975
P R E L I M INARY
Encoder
The encoder converts the 4-bit nibble from the MII into
five-bit code-groups, using a 4B/5B block coding
scheme. The encoder operates on the 4-bit data nibble
independent of the code-group b oundar y. The
100BASE-X physical protocol data unit is called a
stream. The encoding method used provides the fol-
lowing:
s Adequate codes (32) to provide for all data code-
groups (16) plus necessary control code-groups.
s Appropriate coding efficiency (4 data bits per 5
code-bits; 80%) to implement a 100-Mbps physical
layer interface on a 125-Mbps physical channel.
s Sufficient transition density to facilitate clock recov-
ery (when not scrambled).
The code-group mapping is defined in Table 8.
Table 8. Encoder Code-Group Mapping
TXD[3:0]
Name
PCS Code-Group
Interpretation
0 0 0 0
0
1 1 1 1 0
Data 0
0 0 0 1
1
0 1 0 0 1
Data 1
0 0 1 0
2
1 0 1 0 0
Data 2
0 0 1 1
3
1 0 1 0 1
Data 3
0 1 0 0
4
0 1 0 1 0
Data 4
0 1 0 1
5
0 1 0 1 1
Data 5
0 1 10
6
0 1 1 1 0
Data 6
0 1 1 1
7
0 1 1 1 1
Data 7
1 0 0 0
8
1 0 0 1 0
Data 8
1 0 0 1
9
1 0 0 1 1
Data 9
1 0 1 0
A
1 0 1 1 0
Data A
1 0 1 1
B
1 0 1 1 1
Data B
1 1 0 0
C
1 1 0 1 0
Data C
1 1 0 1
D
1 1 0 1 1
Data D
1 1 1 0
E
1 1 1 0 0
Data E
1 1 1 1
F
1 1 1 0 1
Data F
Undefined
I
1 1 1 1 1
IDLE; used as inter-Stream fill code
0 1 0 1
J
1 1 0 0 0
Start-of-Stream Delimiter, Part 1 of 2; always used
in pairs with K
0 1 0 1
K
1 0 0 0 1
Start-of-Stream Delimiter, Part 2 of 2; always used
in pairs with J
Undefined
T
0 1 1 0 1
End-of-Stream Delimiter, Part 1 of 2; always used in
pairs with R
Undefined
R
0 0 1 1 1
End-of-Stream Delimiter, Part 2 of 2; always used in
pairs with T
Undefined
H
0 0 1 0 0
Transmit Error; used to force signaling errors
Undefined
V
0 0 0 0 0
Invalid Code
Undefined
V
0 0 0 0 1
Invalid Code
Undefined
V
0 0 0 1 0
Invalid Code
Undefined
V
0 0 0 1 1
Invalid Code
Undefined
V
0 0 1 0 1
Invalid Code
Undefined
V
0 0 1 1 0
Invalid Code
Undefined
V
0 1 0 0 0
Invalid Code
Undefined
V
0 1 1 0 0
Invalid Code
Undefined
V
1 0 0 0 0
Invalid Code
Undefined
V
1 1 0 0 1
Invalid Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com