Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975 Datasheet(PDF) 91 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 91 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 87Page - Advanced Micro Devices AM79C975 Datasheet HTML 88Page - Advanced Micro Devices AM79C975 Datasheet HTML 89Page - Advanced Micro Devices AM79C975 Datasheet HTML 90Page - Advanced Micro Devices AM79C975 Datasheet HTML 91Page - Advanced Micro Devices AM79C975 Datasheet HTML 92Page - Advanced Micro Devices AM79C975 Datasheet HTML 93Page - Advanced Micro Devices AM79C975 Datasheet HTML 94Page - Advanced Micro Devices AM79C975 Datasheet HTML 95Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 304 page
background image
Am79C973/Am79C975
91
P R E L I M INARY
pansion ROM data are stored in holding registers. One
clock cycle after the last data byte is available, the
Am79C973/Am79C975 controller asserts TRDY.
The access time for the Expansion ROM or the EB-
DATA (BCR30) device (tACC) during read operations
can be calculated by subtracting the clock to output
delay for the EBUA_EBA[7:0] outputs (tv_A_D) and by
subtracting the input to clock setup time for the
EBD[7:0] inputs (ts_D) from the time defined by
ROMTMG:
tACC = ROMTMG * CLK period *CLK_FAC - (tv_A_D) -
(ts_D)
Figure 40. Flash Configuration for the Expansion Bus
The access time for the Expansion ROM or for the EB-
DATA (BCR30) device (tACC) during write operations
can be calculated by subtracting the clock to output
delay for the EBUA EBA[7:0] outputs (tv_A_D) and by
adding the input to clock setup time for Flash/EPRO in-
puts (ts_D) from the time defined by ROMTMG:
tACC = ROMTMG * CLK period * CLK_FAC - (tv_A_D) -
(ts_D)
The timing diagram in Figure 43 assumes the default
programming of ROMTMG (1001b = 9 CLK). After
reading the first byte, the Am79C973/Am79C975 con-
troller reads in three more bytes by incrementing the
lower portion of the ROM address. After the last byte is
strobed in, TRDY will be asserted on clock 50. When
the host tries to perform a burst read of the Expansion
ROM, the Am79C973/Am79C975 controller will dis-
connect the access at the second data phase.
The host must program the Expansion ROM Base Ad-
dress register in the PCI configuration space before the
first access to the Expansion ROM. The Am79C973/
EBUA_EBA[7:0]
EBDA[15:8]
EBD[7:0]
EBWE
AS_/EBOE
A[15:8]
A[7:0]
DQ[7:0]
OE
CS
Am79C973
'374
D-FF
FLASH
EROMCS
A[23:16]
WE
21510D-45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com