Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975 Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 12Page - Advanced Micro Devices AM79C975 Datasheet HTML 13Page - Advanced Micro Devices AM79C975 Datasheet HTML 14Page - Advanced Micro Devices AM79C975 Datasheet HTML 15Page - Advanced Micro Devices AM79C975 Datasheet HTML 16Page - Advanced Micro Devices AM79C975 Datasheet HTML 17Page - Advanced Micro Devices AM79C975 Datasheet HTML 18Page - Advanced Micro Devices AM79C975 Datasheet HTML 19Page - Advanced Micro Devices AM79C975 Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 304 page
background image
16
Am79C973/Am79C975
P R E L I M INARY
Table 47. ANR6: Auto-Negotiation Expansion Register (Register 6) . . . . . . . . . . . . . 199
Table 48. ANR7: Auto-Negotiation Next Page Register (Register 7) . . . . . . . . . . . . . 199
Table 49. ANR16: INTERRUPT Status and Enable Register (Register 16) . . . . . . . . 200
Table 50. ANR17: PHY Control/Status Register (Register 17) . . . . . . . . . . . . . . . . . . 201
Table 51. ANR18: Descrambler Resynchronization Timer (Register 18) . . . . . . . . . . 202
Table 52. ANR19: PHY Management Extension Register (Register 19) . . . . . . . . . . . 202
Table 53. ANR24: Summary Status Register (Register 24) . . . . . . . . . . . . . . . . . . . . 203
Table 54. Initialization Block (SSIZE32 = 0) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 203
Table 55. Initialization Block (SSIZE32 = 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 204
Table 56. R/TLEN Decoding (SSIZE32 = 0). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 204
Table 57. R/TLEN Decoding (SSIZE32 = 1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 204
Table 58. Receive Descriptor (SWSTYLE = 0) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 205
Table 59. Receive Descriptor (SWSTYLE = 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 206
Table 60. Receive Descriptor (SWSTYLE = 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 206
Table 61. Transmit Descriptor (SWSTYLE = 0) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 209
Table 62. Transmit Descriptor (SWSTYLE = 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 209
Table 63. Transmit Descriptor (SWSTYLE = 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 209
Table 64. Clock (XTAL1, XCLK = 1) Switching Characteristics . . . . . . . . . . . . . . . . . 231
Table 65. Crystal (XTAL1, XTAL2, XCLK = 0) Requirements . . . . . . . . . . . . . . . . . . 231
Table 66. Crystal (XTAL1, XTAL2, XCLK = 0) Requirements . . . . . . . . . . . . . . . . . . 231
Table 67. Recommended Magnetics Vendors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 244
Table 68. Auto-Negotiation Capabilities . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 271
Table 69. EADI Operations. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 273
Table 70. MII Management Register Set . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 274
Table 71. MII Management Control Register (Register 0) . . . . . . . . . . . . . . . . . . . . . . 274
Table 72. MII Management Status Register (Register 1) . . . . . . . . . . . . . . . . . . . . . . 275
Table 73. Auto-Negotiation Advertisement Register (Register 4) . . . . . . . . . . . . . . . . 276
Table 74. Technology Ability Field Bit Assignments. . . . . . . . . . . . . . . . . . . . . . . . . . 276
Table 75. Auto-Negotiation Link Partner Ability Register (Register 5)
- Base Page Format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 277
Table 76. Registers for Alternative Initialization Method (Note 1) . . . . . . . . . . . . . . . . 283



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com