Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975 Datasheet(PDF) 34 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 30Page - Advanced Micro Devices AM79C975 Datasheet HTML 31Page - Advanced Micro Devices AM79C975 Datasheet HTML 32Page - Advanced Micro Devices AM79C975 Datasheet HTML 33Page - Advanced Micro Devices AM79C975 Datasheet HTML 34Page - Advanced Micro Devices AM79C975 Datasheet HTML 35Page - Advanced Micro Devices AM79C975 Datasheet HTML 36Page - Advanced Micro Devices AM79C975 Datasheet HTML 37Page - Advanced Micro Devices AM79C975 Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 304 page
background image
34
Am79C973/Am79C975
P R E L I M INARY
EBDA[15:8]
Expansion Bus Data/Address [15:8]
Input/
Output
When EROMCS is asserted low, EBDA[15:8] contain
address bits [15:8] for boot device accesses.
The EBDA[15:8] signals are driven to a constant level
to conserve power while no access on the Expansion
Bus is being performed.
Note: EBDA[15:8] pins are multiplexed with the
TXD[3:0], TX_EN, MDIO, CRS, and COL pins.
EBD[7:0]
Expansion Bus Data [7:0]
Input/Output
The EBD[7:0] pins provide data bits [7:0] for EPROM/
FLASH accesses. The EBD[7:0] signals are internally
forced to a constant level to conserve power while no
access on the Expansion Bus is being performed.
Note: EBD[7:0]
pins
are
multiplexed
with
the
RXD[3:0], RX_DV, RX_CLK, RX_ER, and TX_CLK
pins.
EROMCS
Expansion ROM Chip Select
Output
EROMCS serves as the chip select for the boot device.
It is asserted low during the data phases of boot device
accesses.
AS_EBOE
Address Strobe/Expansion Bus
Output Enable
Output
AS_EBOE functions as the address strobe for the
upper address bits on the EBUA_EBA[7:0] pins and as
the output enable for the Expansion Bus.
As an address strobe, a rising edge on AS_EBOE is
supplied at the beginning of boot device accesses. This
rising edge provides a clock edge for a ‘374 D-type
edge-triggered flip-flop which must store the upper ad-
dress byte during Expansion Bus accesses for
EPROM/Flash.
AS_EBOE is asserted active LOW during boot device
read operations on the expansion bus and is deas-
serted during boot device write operations.
EBWE
Expansion Bus Write Enable
Output
EBWE provides the write enable for write accesses to
the Flash device.
EBCLK
Expansion Bus Clock
Input
EBCLK may be used as the fundamental clock to drive
the Expansion Bus and internal SRAM access cycles.
The actual internal clock used to drive the Expansion
Bus cycles depends on the values of the EBCS and
CLK_FAC settings in BCR27. Refer to the SRAM Inter-
face Bandwidth Requirements section for details on de-
termining the required EBCLK frequency. If a clock
source other than the EBCLK pin is programmed
(BCR27, bits 5:3) to be used to run the Expansion Bus
interface, this input should be tied to VDD through a 4.7
kW resistor.
EBCLK is not used to drive the bus interface, internal
buffer management unit, or the network functions.
Media Independent Interface (MII)
TX_CLK
Transmit Clock
Input
TX_CLK is a continuous clock input that provides the
timing reference for the transfer of the TX_EN,
TXD[3:0], and TX_ER signals out of the Am79C973/
Am79C975 device. TX_CLK must provide a nibble rate
clock (25% of the network data rate). Hence, an MII
transceiver operating at 10 Mbps must provide a
TX_CLK frequency of 2.5 MHz and an MII transceiver
operating at 100 Mbps must provide a TX_CLK fre-
quency of 25 MHz.
Note: The TX_CLK pin is multiplexed with the EBD7
pin.
TXD[3:0]
Transmit Data
Output
TXD[3:0] is the nibble-wide MII transmit data bus. Valid
data is generated on TXD[3:0] on every TX_CLK rising
edge while TX_EN is asserted. While TX_EN is de-
asserted, TXD[3:0] values are driven to a 0. TXD[3:0]
transitions synchronous to TX_CLK rising edges.
Note: The TXD[3:0] pins are multiplexed with the
EBDA[11:8] pins.
TX_EN
Transmit Enable
Output
TX_EN indicates when the Am79C973/Am79C975 de-
vice is presenting valid transmit nibbles on the MII.
While TX_EN is asserted, the Am79C973/Am79C975
device generates TXD[3:0] and TX_ER on TX_CLK ris-
ing edges. TX_EN is asserted with the first nibble of
preamble and remains asserted throughout the dura-
tion of a packet until it is deasserted prior to the first
TX_CLK following the final nibble of the frame. TX_EN
transitions synchronous to TX_CLK rising edges.
Note: The TX_EN pin is multiplexed with the EBDA12
pin.
TX_ER
Transmit Error
Output
TX_ER is an output that, if asserted while TX_EN is as-
serted, instructs the MII PHY device connected to the
Am79C973/Am79C975 device to transmit a code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com