Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975 Datasheet(PDF) 70 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 70 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 66Page - Advanced Micro Devices AM79C975 Datasheet HTML 67Page - Advanced Micro Devices AM79C975 Datasheet HTML 68Page - Advanced Micro Devices AM79C975 Datasheet HTML 69Page - Advanced Micro Devices AM79C975 Datasheet HTML 70Page - Advanced Micro Devices AM79C975 Datasheet HTML 71Page - Advanced Micro Devices AM79C975 Datasheet HTML 72Page - Advanced Micro Devices AM79C975 Datasheet HTML 73Page - Advanced Micro Devices AM79C975 Datasheet HTML 74Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 304 page
background image
70
Am79C973/Am79C975
P R E L I M INARY
software timer will load the value stored in STVAL and
restart. The timer value STVAL (BCR31, bits 15-0) is in-
terpreted as an unsigned number with a resolution of
256 Time Base Clock periods. For instance, a value of
122 ms would be programmed with a value of 9531
(253Bh), if the Time Base Clock is running at 20 MHz.
The default value of STVAL is FFFFh which yields the
approximate maximum 838 ms timer duration. A write
to STVAL restarts the timer with the new contents of
STVAL.
10/100 Media Access Control
The Media Access Control (MAC) engine incorporates
the essential protocol requirements for operation of an
Ethernet/IEEE 802.3-compliant node and provides the
interface between the FIFO subsystem and the internal
PHY.
This section describes operation of the MAC engine
when operating in half-duplex mode. When operating in
half-duplex mode, the MAC engine is fully compliant to
Section 4 of ISO/IEC 8802-3 (ANSI/IEEE Standard
1990 Second Edition) and ANSI/IEEE 802.3 (1985).
When operating in full-duplex mode, the MAC engine
behavior changes as described in the section Full-
Duplex Operation.
The MAC engine provides programmable enhanced
features designed to minimize host supervision, bus
utilization, and pre- or post-message processing.
These features include the ability to disable retries after
a collision, dynamic FCS generation on a frame-by-
frame basis, automatic pad field insertion and deletion
to enforce minimum frame size attributes, automatic re-
transmission without reloading the FIFO, and auto-
matic deletion of collision fragments.
The two primary attributes of the MAC engine are:
s Transmit and receive message data encapsulation
— Framing (frame boundary delimitation, frame
synchronization)
— Addressing (source and destination address
handling)
— Error detection (physical medium transmission
errors)
s Media access management
— Medium allocation (collision avoidance, except
in full-duplex operation)
— Contention resolution (collision handling, except
in full-duplex operation)
Transmit and Receive Message Data Encapsulation
The MAC engine provides minimum frame size en-
forcement for transmit and receive frames. When
APAD_XMT (CSR, bit 11) is set to 1, transmit mes-
sages will be padded with sufficient bytes (containing
00h) to ensure that the receiving station will observe an
information field (destination address, source address,
length/type, data, and FCS) of 64 bytes. When
ASTRP_RCV (CSR4, bit 10) is set to 1, the receiver will
automatically strip pad bytes from the received mes-
sage by observing the value in the length field and by
stripping excess bytes if this value is below the mini-
mum data size (46 bytes). Both features can be inde-
pendently over-ridden to allow illegally short (less than
64 bytes of frame data) messages to be transmitted
and/or received. The use of this feature reduces bus
utilization because the pad bytes are not transferred
into or out of main memory.
Framing
The MAC engine will autonomously handle the con-
struction of the transmit frame. Once the transmit FIFO
has been filled to the predetermined threshold (set by
XMTSP in CSR80) and access to the channel is cur-
rently permitted, the MAC engine will commence the 7-
byte preamble sequence (10101010b, where first bit
transmitted is a 1). The MAC engine will subsequently
append the Star t Frame De limiter (SFD ) byte
(10101011b) followed by the serialized data from the
transmit FIFO. Once the data has been completed, the
MAC engine will append the FCS (most significant bit
first) which was computed on the entire data portion of
the frame. The data portion of the frame consists of
destination address, source address, length/type, and
frame data. The user is responsible for the correct or-
dering and content in each of these fields in the frame.
The MAC does not use the content in the length/type
field unless APAD_XMT (CSR4, bit 11) is set and the
data portion of the frame is shorter than 60 bytes.
The MAC engine will detect the incoming preamble se-
quence when the RX_DV signal is activated by the in-
ternal PHY. The MAC will discard the preamble and
begin searching for the SFD. Once the SFD is de-
tected, all subsequent nibbles are treated as part of the
frame. The MAC engine will inspect the length field to
ensure minimum frame size, strip unnecessary pad
characters (if enabled), and pass the remaining bytes
through the receive FIFO to the host. If pad stripping is
performed, the MAC engine will also strip the received
FCS bytes, although normal FCS computation and
checking will occur. Note that apart from pad stripping,
the frame will be passed unmodified to the host. If the
length field has a value of 46 or greater, all frame bytes
including FCS will be passed unmodified to the receive
buffer, regardless of the actual frame length.
If the frame terminates or suffers a collision before 64
bytes of information (after SFD) have been received,
the MAC engine will automatically delete the frame
from the receive FIFO, without host intervention. The
Am79C973/Am79C975 controller has the ability to ac-
cept runt packets for diagnostic purposes and propri-
etary networks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com