Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975 Datasheet(PDF) 65 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 65 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 61Page - Advanced Micro Devices AM79C975 Datasheet HTML 62Page - Advanced Micro Devices AM79C975 Datasheet HTML 63Page - Advanced Micro Devices AM79C975 Datasheet HTML 64Page - Advanced Micro Devices AM79C975 Datasheet HTML 65Page - Advanced Micro Devices AM79C975 Datasheet HTML 66Page - Advanced Micro Devices AM79C975 Datasheet HTML 67Page - Advanced Micro Devices AM79C975 Datasheet HTML 68Page - Advanced Micro Devices AM79C975 Datasheet HTML 69Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 304 page
background image
Am79C973/Am79C975
65
P R E L I M INARY
family. The descriptor ring base addresses must be
aligned to an 8-byte boundary and a maximum of 128
ring entries is allowed when the ring length is set
through the TLEN and RLEN fields of the initialization
block. Each ring entry contains a subset of the three
32-bit transmit or receive message descriptors (TMD,
RMD) that are organized as four 16-bit structures
(SSIZE32 (BCR20, bit 8) is set to 0). Note that even
though the Am79C973/Am79C975 controller treats the
descriptor entries as 16-bit structures, it will always
perform 32-bit bus transfers to access the descriptor
entries. The value of CSR2, bits 15-8, is used as the
upper 8-bits for all memory addresses during bus mas-
ter transfers.
When SWSTYLE is set to 2 or 3, the descriptor ring
base addresses must be aligned to a 16-byte bound-
ary, and a maximum of 512 ring entries is allowed when
the ring length is set through the TLEN and RLEN fields
of the initialization block. Each ring entry is organized
as three 32-bit message descriptors (SSIZE32
(BCR20, bit 8) is set to 1). The fourth DWord is re-
served. When SWSTYLE is set to 3, the order of the
message descriptors is optimized to allow read and
write access in burst mode.
For any software style, the ring lengths can be set be-
yond this range (up to 65535) by writing the transmit
and receive ring length registers (CSR76, CSR78) di-
rectly.
Each ring entry contains the following information:
s The address of the actual message data buffer in
user or host memory
s The length of the message buffer
s Status information indicating the condition of the
buffer
To permit the queuing and de-queuing of message
buffers, ownership of each buffer is allocated to either
the Am79C973/Am79C975 controller or the host. The
OWN bit within the descriptor status information, either
TMD or RMD, is used for this purpose.
When OWN is set to 1, it signifies that the Am79C973/
Am79C975 controller currently has ownership of this
ring descriptor and its associated buffer. Only the
owner is permitted to relinquish ownership or to write to
any field in the descriptor entry. A device that is not the
current owner of a descriptor entry cannot assume
ownership or change any field in the entry. A device
may, however, read from a descriptor that it does not
currently own. Software should always read descriptor
entries in sequential order. When software finds that
the current descriptor is owned by the Am79C973/
Am79C975 controller, then the software must not read
ahead to the next descriptor. The software should wait
at a descriptor it does not own until the Am79C973/
Am79C975 controller sets OWN to 0 to release owner-
ship to the software. (When LAPPEN (CSR3, bit 5) is
set to 1, this rule is modified. See the LAPPEN descrip-
tion. At initialization, the Am79C973/Am79C975 con-
troller reads the base address of both the transmit and
receive descriptor rings into CSRs for use by the
Am79C973/Am79C975 controller during subsequent
operations.
Figure 31 illustrates the relationship between the initial-
ization base address, the initialization block, the re-
ceive and transmit descriptor ring base addresses, the
receive and transmit descriptors, and the receive and
transmit data buffers, when SSIZE32 is cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com