Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM79C975 Datasheet HTML 1Page - Advanced Micro Devices AM79C975 Datasheet HTML 2Page - Advanced Micro Devices AM79C975 Datasheet HTML 3Page - Advanced Micro Devices AM79C975 Datasheet HTML 4Page - Advanced Micro Devices AM79C975 Datasheet HTML 5Page - Advanced Micro Devices AM79C975 Datasheet HTML 6Page - Advanced Micro Devices AM79C975 Datasheet HTML 7Page - Advanced Micro Devices AM79C975 Datasheet HTML 8Page - Advanced Micro Devices AM79C975 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 304 page
background image
PRELIMINARY
This document contains information on a product under development at Advanced Micro Devices. The information
is intended to help you evaluate this product. AMD reserves the right to change or discontinue work on this proposed
product without notice.
Publication# 21510
Rev: E Amendment/0
Issue Date: August 2000
Rf
t AMD’ W b it(
d
) f
thl t t i fti
Am79C973/Am79C975
PCnet™-FAST III
Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
DISTINCTIVE CHARACTERISTICS
s Single-chip PCI-to-Wire Fast Ethernet controller
— 32-bit glueless PCI host interface
— Supports PCI clock frequency from DC to
33 MHz independent of network clock
— Supports network operation with PCI clock
from 15 MHz to 33 MHz
— High performance bus mastering
architecture with integrated Direct Memory
Access (DMA) Buffer Management Unit for
low CPU and bus utilization
— PCI specification revision 2.2 compliant
— Supports PCI Subsystem/Subvendor ID/
Vendor ID programming through the
EEPROM interface
— Supports both PCI 5.0 V and 3.3 V signaling
environments
— Plug and Play compatible
— Big endian and little endian byte alignments
supported
s Fully Integrated 10/100 Mbps Physical Layer
Interface (PHY)
— Conforms to IEEE 802.3 standard for
10BASE-T, 100BASE-TX, and 100BASE-FX
interfaces
— Integrated 10BASE-T transceiver with on-
chip filtering
— Fully integrated MLT-3 encoder/decoder for
100BASE-TX
— Provides a PECL interface for 100BASE-FX
fiber implementations
— Full-duplex capability for 10BASE-T and
100BASE-TX
— IEEE 802.3u Auto-Negotiation between 10
Mbps and 100 Mbps, half- and full-duplex op-
eration
s Dual-speed CSMA/CD (10 Mbps and 100 Mbps)
Media Access Controller (MAC) compliant with
IEEE/ANSI 802.3 and Blue Book Ethernet
standards
s Supports PC98/PC99 and Wired for
Management baseline specifications
— Full OnNow support including pattern
matching and link status wake-up events
— Implements AMD’s patented Magic Packet™
technology for remote wake-up & power-on
— Magic Packet mode and the physical address
loaded from EEPROM at power up without
requiring PCI clock
— Supports PCI Bus Power Management
Interface Specification Revision 1.1
— Supports Advanced Configuration and
Power Interface (ACPI) Specification Version
1.0
— Supports Network Device Class Power
Management Specification Version 1.0a
s Serial Management Interface enables remote
alerting of system management events
— Inter-IC (I2C) compliant electrical interface
— System Management Bus (SMBus)
compliant signaling interface and register
access protocol
— Optional interrupt pin simplifies software
interface
s Large independent internal TX and RX FIFOs
— Programmable FIFO watermarks for both TX
and RX operations
— RX frame queuing for high latency PCI bus
host operation
— Programmable allocation of buffer space
between RX and TX queues
s EEPROM interface supports jumperless design
and provides through-chip programming
— Supports extensive programmability of
device operation through EEPROM mapping
s Supports up to 1 megabyte (Mbyte) optional
Boot PROM and Flash for diskless node
application
s Extensive programmable internal/external
loopback capabilities
s Extensive programmable LED status support


Similar Part No. - AM79C975

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C970 AMD-AM79C970 Datasheet
943Kb / 168P
PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
logo
Pulse A Technitrol Comp...
AM79C970 PULSE-AM79C970 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Advanced Micro Devices
AM79C970A AMD-AM79C970A Datasheet
1Mb / 219P
PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
AM79C970AKC AMD-AM79C970AKC Datasheet
1Mb / 219P
PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
AM79C970AKCW AMD-AM79C970AKCW Datasheet
1Mb / 219P
PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
More results

Similar Description - AM79C975

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE10 STMICROELECTRONICS-STE10 Datasheet
403Kb / 66P
PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
Rev. 2.2
logo
Advanced Micro Devices
AM79C971 AMD-AM79C971 Datasheet
3Mb / 265P
PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
AM79C972 AMD-AM79C972 Datasheet
1Mb / 130P
PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
AM79C976 AMD-AM79C976 Datasheet
2Mb / 309P
PCnet-PRO??10/100 Mbps PCI Ethernet Controller
logo
List of Unclassifed Man...
DM9000 ETC-DM9000 Datasheet
575Kb / 54P
ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
logo
SMSC Corporation
LAN83C171 SMSC-LAN83C171 Datasheet
348Kb / 90P
EPIC/XF ACPI/PC 97 Compliant Integrated PCI 10/100 Mbps Fast Ethernet Controller
LAN91C111 SMSC-LAN91C111 Datasheet
1Mb / 142P
10/100 Non-PCI Ethernet Single Chip MAC PHY
logo
STMicroelectronics
STE10A STMICROELECTRONICS-STE10A Datasheet
795Kb / 82P
PCI 10/100 Ethernet controller with integrated PHY (3.3V)
28-Feb-2007
logo
Microchip Technology
LAN91C111 MICROCHIP-LAN91C111 Datasheet
1Mb / 125P
10/100 Non-PCI Ethernet Single Chip MAC PHY
06/23/16
logo
SMSC Corporation
LAN91C111 SMSC-LAN91C111_11 Datasheet
1Mb / 133P
10/100 Non-PCI Ethernet Single Chip MAC PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com