Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975 Datasheet(PDF) 37 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 37 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 33Page - Advanced Micro Devices AM79C975 Datasheet HTML 34Page - Advanced Micro Devices AM79C975 Datasheet HTML 35Page - Advanced Micro Devices AM79C975 Datasheet HTML 36Page - Advanced Micro Devices AM79C975 Datasheet HTML 37Page - Advanced Micro Devices AM79C975 Datasheet HTML 38Page - Advanced Micro Devices AM79C975 Datasheet HTML 39Page - Advanced Micro Devices AM79C975 Datasheet HTML 40Page - Advanced Micro Devices AM79C975 Datasheet HTML 41Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 304 page
background image
Am79C973/Am79C975
37
P R E L I M INARY
pins carry the transmit output data and are connected
to the transmit side of the magnetics module.
RX+, RX-
Serial Receive Data
MLT-3/PECL
Input
These pins are the 10BASE-T/100BASE-X port differ-
ential receiver pairs. They receive MLT-3 data and are
connected to the receive side of the magnetics module
in 100BASE-TX operation. They receive PECL NRZI
data from an exter nal fiber optic transceiver in
100BASE-FX application. For 10BASE-T, these pins
accept the receive input data from the magnetics mod-
ule.
SDI+, SDI-
Signal Detect
Input
These pins control the selection between PECL and
MLT-3 data for the TX± and RX± pins. For 100BASE-
TX or 10BASE-T, both of these pins may be tied to
ground or left floating. This enables transmission and
reception of MLT-3 or 10BASE-T signals at the TX± and
RX± pins. For 100BASE-FX, these pins are biased at
PECL levels. They are connected to the SDI pin from
the optical transceiver module to indicate whether the
received signal is above the required threshold. If sig-
nal detect is not available, these pins should be tied to
a PECL logical 1 (SDI+ = PECL 1, SDI- = PECL 0). See
Table 2.
Table 2. SDI± Settings for Transceiver Operation
IREF
Internal Current Reference
Input
This pin serves as a current reference for the integrated
10/100 PHY. It must be connected to ground via a
12 k
Ω resistor (1%).
Clock Interface
XTAL1
Crystal Input
Input
The internal clock generator uses a 25-MHz (50 ppm-
100 ppm) crystal that is attached to the XTAL1 and
XTAL2 pins. XTAL1 may alternatively be driven using
an external 25 MHz (50 ppm - 100 ppm) CMOS-level
clock signal when XTAL2 is left floating. The XTAL1 pin
is not 5 V tolerant and must only be driven by a 3.3 V
clock source.
XTAL2
Crystal Output
Output
The internal clock generator uses a 25 MHz (50 ppm -
100 ppm) crystal that is attached to the pins XTAL1 and
XTAL2. XTAL1 may alternatively be driven using an ex-
ternal 25 MHz (50 ppm - 100 ppm) CMOS-level clock
signal when XTAL2 is left floating.
XCLK/XTAL
External Clock/Crystal Select
Input
When HIGH, an External Clock Source is selected by-
passing the Crystal circuit. When LOW, a Crystal is
used instead. The following table illustrates how this pin
works.
Serial Management Interface (SMI)
(Am79C975 only)
MCLOCK
SMI Clock
Input/Output
MCLOCK is the clock pin of the serial management in-
terface. MCLOCK is typically driven by an external I2C/
SMBus master. The Am79C975 controller will drive the
clock line low in order to insert wait states before it
starts sending out data in response to a read. The fre-
quency of the clock signal can vary between 10 kHz
and 100 kHz, and it can change from cycle to cycle.
Note: MCLOCK is also capable of running at a fre-
quency as high as 2.5 MHz to allow for shorter produc-
tion test time.
MDATA
SMI Data
Input/Output
MDATA is the data pin of the serial management inter-
face. MDATA can be driven by an external I2C/SMBus
master or by the Am79C975 controller. The interface
protocol defines exactly at what time the Am79C975
controller has to listen to the MDATA pin and at what
time the controller must drive the pin.
MIRQ
SMI Interrupt
Output
MIRQ is an asynchronous attention signal that the
Am79C975 controller provides to indicate that a man-
agement frame has been transmitted or received. The
assertion of the MIRQ signal can be controlled by a glo-
bal mask bit (MIRQEN) or individual mask bits
SDI+
SDI-
Port Mode
TTL LOW
(<0.8 V)
TTL LOW
(<0.8 V)
MLT-3/10BASE-T
Mode
TTL HIGH
(>2.0 V)
TTL HIGH
(>2.0 V)
PECL Mode
Input Pin
Output
Pin
XCLK/XTAL
Clock Source
XATL1
XTAL2
0
Crystal
XTAL1
Don’t Care
1
Oscillator/
External CLK
Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com