Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975 Datasheet(PDF) 44 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 44 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 40Page - Advanced Micro Devices AM79C975 Datasheet HTML 41Page - Advanced Micro Devices AM79C975 Datasheet HTML 42Page - Advanced Micro Devices AM79C975 Datasheet HTML 43Page - Advanced Micro Devices AM79C975 Datasheet HTML 44Page - Advanced Micro Devices AM79C975 Datasheet HTML 45Page - Advanced Micro Devices AM79C975 Datasheet HTML 46Page - Advanced Micro Devices AM79C975 Datasheet HTML 47Page - Advanced Micro Devices AM79C975 Datasheet HTML 48Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 304 page
background image
44
Am79C973/Am79C975
P R E L I M INARY
During the boot procedure, the system will try to find an
Expansion ROM. A PCI system assumes that an Ex-
pansion ROM is present when it reads the ROM signa-
ture 55H (byte 0) and AAH (byte 1).
Slave Cycle Termination
There are three scenarios besides normal completion
of a transaction where the Am79C973/Am79C975 con-
trollers are the target of a slave cycle and it will termi-
nate the access.
Disconnect When Busy
The Am79C973/Am79C975 controllers cannot service
any slave access while it is reading the contents of the
EEPROM. Simultaneous access is not allowed in order
to avoid conflicts, since the EEPROM is used to initial-
ize some of the PCI configuration space locations and
most of the BCRs and CSR116. The EEPROM read
operation will always happen automatically after the
deassertion of the RST pin. In addition, the host can
start the read operation by setting the PREAD bit
(BCR19, bit 14). While the EEPROM read is on-going,
the Am79C973/Am79C975 controllers will disconnect
any slave access where it is the target by asserting
STOP together with DEVSEL, while driving TRDY high.
STOP will stay asserted until the end of the cycle.
Note that I/O and memory slave accesses will only be
disconnected if they are enabled by setting the IOEN or
MEMEN bit in the PCI Command register. Without the
enable bit set, the cycles will not be claimed at all.
Since H_RESET clears the IOEN and MEMEN bits for
the automatic EEPROM read after H_RESET, the dis-
connect only applies to configuration cycles.
A second situation where the Am79C973/Am79C975
controllers will generate a PCI disconnect/retry cycle is
when the host tries to access any of the I/O resources
right after having read the Reset register. Since the ac-
cess generates an internal reset pulse of about 1 ms in
length, all further slave accesses will be deferred until
the internal reset operation is completed. See Figure 6.
Disconnect Of Burst Transfer
The Am79C973/Am79C975 controllers do not support
burst access to the configuration space, the I/O re-
sources, or to the Expansion Bus. The host indicates a
burst transaction by keeping FRAME asserted during
the data phase. When the Am79C973/Am79C975 con-
trollers see FRAME and IRDY asserted in the clock
cycle before it wants to assert TRDY, it also asserts
STOP at the same time. The transfer of the first data
phase is still successful, since IRDY and TRDY are
both asserted. See Figure 7.
Figure 6. Disconnect Of Slave Cycle When Busy
Figure 7. Disconnect Of Slave Burst Transfer - No
Host Wait States
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
STOP
1
2345
CMD
PAR
PAR
PAR
BE
DATA
ADDR
21510D-11
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
STOP
1
2345
BE
PAR
PAR
PAR
BE
DATA
1st DATA
21510D-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com