Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975 Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 5Page - Advanced Micro Devices AM79C975 Datasheet HTML 6Page - Advanced Micro Devices AM79C975 Datasheet HTML 7Page - Advanced Micro Devices AM79C975 Datasheet HTML 8Page - Advanced Micro Devices AM79C975 Datasheet HTML 9Page - Advanced Micro Devices AM79C975 Datasheet HTML 10Page - Advanced Micro Devices AM79C975 Datasheet HTML 11Page - Advanced Micro Devices AM79C975 Datasheet HTML 12Page - Advanced Micro Devices AM79C975 Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 304 page
background image
Am79C973/Am79C975
9
P R E L I M INARY
CSR24: Base Address of Receive Ring Lower . . . . . . . . . . . . . . . . . . . . . . . . 141
CSR25: Base Address of Receive Ring Upper . . . . . . . . . . . . . . . . . . . . . . . . 141
CSR26: Next Receive Descriptor Address Lower . . . . . . . . . . . . . . . . . . . . . . 141
CSR27: Next Receive Descriptor Address Upper . . . . . . . . . . . . . . . . . . . . . . 141
CSR28: Current Receive Descriptor Address Lower . . . . . . . . . . . . . . . . . . . . 141
CSR29: Current Receive Descriptor Address Upper . . . . . . . . . . . . . . . . . . . . 141
CSR30: Base Address of Transmit Ring Lower . . . . . . . . . . . . . . . . . . . . . . . . 141
CSR31: Base Address of Transmit Ring Upper . . . . . . . . . . . . . . . . . . . . . . . . 142
CSR32: Next Transmit Descriptor Address Lower . . . . . . . . . . . . . . . . . . . . . . 142
CSR33: Next Transmit Descriptor Address Upper . . . . . . . . . . . . . . . . . . . . . . 142
CSR34: Current Transmit Descriptor Address Lower . . . . . . . . . . . . . . . . . . . 142
CSR35: Current Transmit Descriptor Address Upper . . . . . . . . . . . . . . . . . . . 142
CSR36: Next Next Receive Descriptor Address Lower . . . . . . . . . . . . . . . . . . 142
CSR37: Next Next Receive Descriptor Address Upper . . . . . . . . . . . . . . . . . . 142
CSR38: Next Next Transmit Descriptor Address Lower. . . . . . . . . . . . . . . . . . 143
CSR39: Next Next Transmit Descriptor Address Uper. . . . . . . . . . . . . . . . . . . 143
CSR40: Current Receive Byte Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 143
CSR41: Current Receive Status. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 143
CSR42: Current Transmit Byte Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 143
CSR43: Current Transmit Status . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 143
CSR44: Next Receive Byte Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 143
CSR45: Next Receive Status . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 144
CSR46: Transmit Poll Time Counter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 144
CSR47: Transmit Polling Interval . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 144
CSR48: Receive Poll Time Counter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 145
CSR49: Receive Polling Interval . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 145
CSR58: Software Style. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 145
CSR60: Previous Transmit Descriptor Address Lower . . . . . . . . . . . . . . . . . . 147
CSR61: Previous Transmit Descriptor Address Upper . . . . . . . . . . . . . . . . . . 148
CSR62: Previous Transmit Byte Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 148
CSR63: Previous Transmit Status . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 148
CSR64: Next Transmit Buffer Address Lower . . . . . . . . . . . . . . . . . . . . . . . . . 148
CSR65: Next Transmit Buffer Address Upper . . . . . . . . . . . . . . . . . . . . . . . . . 148
CSR66: Next Transmit Byte Count. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 148
CSR67: Next Transmit Status . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 149
CSR72: Receive Ring Counter. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 149
CSR74: Transmit Ring Counter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 149
CSR76: Receive Ring Length . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 149
CSR78: Transmit Ring Length . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 149
CSR80: DMA Transfer Counter and FIFO Threshold Control . . . . . . . . . . . . . 150
CSR82: Transmit Descriptor Address Pointer Lower . . . . . . . . . . . . . . . . . . . . 152
CSR84: DMA Address Register Lower . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 152
CSR85: DMA Address Register Upper . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 152
CSR86: Buffer Byte Counter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 152
CSR88: Chip ID Register Lower. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 152
CSR89: Chip ID Register Upper. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 153
CSR92: Ring Length Conversion . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 153
CSR100: Bus Timeout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 153
CSR112: Missed Frame Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com