Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975 Datasheet(PDF) 104 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 104 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 100Page - Advanced Micro Devices AM79C975 Datasheet HTML 101Page - Advanced Micro Devices AM79C975 Datasheet HTML 102Page - Advanced Micro Devices AM79C975 Datasheet HTML 103Page - Advanced Micro Devices AM79C975 Datasheet HTML 104Page - Advanced Micro Devices AM79C975 Datasheet HTML 105Page - Advanced Micro Devices AM79C975 Datasheet HTML 106Page - Advanced Micro Devices AM79C975 Datasheet HTML 107Page - Advanced Micro Devices AM79C975 Datasheet HTML 108Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 304 page
background image
104
Am79C973/Am79C975
P R E L I M INARY
the LCDET bit is set, the RWU pin will be asserted and
the PME_STATUS bit (PMCSR register, bit 15) will be
set. If either the PME_EN bit (PMCSR, bit 8) or the
PME_EN_OVR bit (CSR116, bit 10) are set, then the
PME will also be asserted.
OnNow Pattern Match Mode
In the OnNow Pattern Match Mode, the Am79C973/
Am79C975 device compares the incoming packets
with up to eight patterns stored in the Pattern Match
RAM (PMR). The stored patterns can be compared
with part or all of incoming packets, depending on the
pattern length and the way the PMR is programmed.
When a pattern match has been detected, then PMAT
bit (CSR116, bit 7) is set. The setting of the PMAT bit
causes the PME_STATUS bit (PMCSR, bit 15) to be
set, which in turn will asser t the PME pin if the
PME_EN bit (PMCSR, bit 8) is set.
Pattern Match RAM (PMR)
PMR is organized as an array of 64 words by 40 bits as
shown in Figure 50. The PMR is programmed indirectly
through the BCRs 45, 46, and 47. When the BCR45 is
written and the PMAT_MODE bit (BCR45, bit 7) is set
to 1, Pattern Match logic is enabled. No bus accesses
into the PMR are possible when the PMAT_MODE bit
is set, and BCR46, BCR47, and all other bits in BCR45
are ignored. When PMAT_MODE is set, a read of
BCR 45 r e tu r n s all bi ts u nde fin ed ex ce pt fo r
PMAT_MODE. In order to access the contents of the
PMR, PMAT_MODE bit should be programmed to 0.
When BCR45 is written to set the PMAT_MODE bit to
0, the Pattern Match logic is disabled and accesses to
the PMR are possible. Bits 6:0 of BCR45 specify the
address of the PMR word to be accessed. Writing to
BCR45 does not immediately affect the contents of the
PMR. Following the write to BCR45, the PMR word ad-
dressed by the bits 6:0 of the BCR45 may be read by
reading BCR45, BCR46, and BCR47 in any order. To
write to the PMR word, the write to BCR45 must be
followed by a write to BCR46 and a write to BCR47 in
that order to complete the operation. The PMR will not
actually be written until the write to BCR47 is complete.
The first two 40-bit words in this RAM serve as pointers
and contain enable bits for the eight possible match
patterns. The remainder of the RAM contains the
match patterns and associated match pattern control
bits. The byte 0 of the first word contains the Pattern
Enable bits. Any bit position set in this byte enables the
corresponding match pattern in the PMR, as an exam-
ple if the bit 3 is set, then the Pattern 3 is enabled for
matching. Bytes 1 to 4 in the first word are pointers to
the beginning of the patterns 0 to 3, and bytes 1 to 4 in
the second word are pointers to the beginning of the
patterns 4 to 7, respectively. Byte 0 of the second word
has no function associated with it. The byte 0 of the
words 2 to 63 is the Control Field of the PMR. Bit 7 of
this field is the End of Packet (EOP) bit. When this bit is
set, it indicates the end of a pattern in the PMR. Bits 6-
4 of the Control Field byte are the SKIP bits. The value
of the SKIP field indicates the number of the Dwords to
be skipped before the pattern in this PMR word is com-
pared with data from the incoming frame. A maximum
of seven Dwords may be skipped. Bits 3-0 of the Con-
trol Field byte are the MASK bits. These bits corre-
spond to the pattern match bytes 3-0 of the same PMR
word (PMR bytes 4-1). If bit n of this field is 0, then byte
n of the corresponding pattern word is ignored. If this
field is programmed to 3, then bytes 0 and 1 of the pat-
tern match field (bytes 2 and 1 of the word) are used
and bytes 3 and 2 are ignored in the pattern matching
operation.
The contents of the P M R are not affe c ted by
H_RESET, S_RESET, or STOP. The contents are un-
defined after a power up reset (POR).
Magic Packet Mode
In Magic Packet mode, the Am79C973/Am79C975
controller remains fully powered up (all VDD and VDDB
pins must remain at their supply levels). The device will
not generate any bus master transfers. No transmit op-
erations will be initiated on the network. The device will
continue to receive frames from the network, but all
frames will be automatically flushed from the receive
FIFO. Slave accesses to the Am79C973/Am79C975
controller are still possible. A Magic Packet is a frame
that is addressed to the Am79C973/Am79C975 con-
troller and contains a data sequence anywhere in its
data field made up of 16 consecutive copies of the de-
vice’s physical address (PADR[47:0]). The Am79C973/
Am79C975 controller will search incoming frames until
it finds a Magic Packet frame. It starts scanning for the
sequence after processing the length field of the frame.
The data sequence can begin anywhere in the data
field of the frame, but must be detected before the
Am79C973/Am79C975 controller reaches the frame’s
FCS field. Any deviation of the incoming frame’s data
sequence from the required physical address se-
quence, even by a single bit, will prevent the detection
of that frame as a Magic Packet frame.
The Am79C973/Am79C975 controller supports two dif-
ferent modes of address detection for a Magic Packet
frame. If MPPLBA (CSR5, bit 5) or EMPPLBA
(CSR116, bit 6) are at their default value of 0, the
Am79C973/Am79C975 controller will only detect a
Magic Packet frame if the destination address of the
packet matches the content of the physical address
register (PADR). If MPPLBA or EMPPLBA are set to 1,
the destination address of the Magic Packet frame can
be unicast, multicast, or broadcast.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com