Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975 Datasheet(PDF) 126 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 126 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 122Page - Advanced Micro Devices AM79C975 Datasheet HTML 123Page - Advanced Micro Devices AM79C975 Datasheet HTML 124Page - Advanced Micro Devices AM79C975 Datasheet HTML 125Page - Advanced Micro Devices AM79C975 Datasheet HTML 126Page - Advanced Micro Devices AM79C975 Datasheet HTML 127Page - Advanced Micro Devices AM79C975 Datasheet HTML 128Page - Advanced Micro Devices AM79C975 Datasheet HTML 129Page - Advanced Micro Devices AM79C975 Datasheet HTML 130Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 304 page
background image
126
Am79C973/Am79C975
P R E L I M INARY
INIT clears the STOP bit. If STRT
and INIT are set together, the
Am79C973/Am79C975 controller
initialization will be performed
first. INIT is not cleared when the
initialization sequence has com-
pleted.
Read/Write accessible always.
INIT is set by writing a 1. Writing
a 0 has no effect. INIT is cleared
by H_RESET, S_RESET, or by
setting the STOP bit.
CSR1: Initialization Block Address 0
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
IADR[15:0]
Lower 16 bits of the address of
the Initialization Block. Bit loca-
tions 1 and 0 must both be 0 to
align the initialization block to a
DWord boundary.
This
register
is
aliased
with
CSR16.
Read/Write accessible only when
either the STOP or the SPND bit
is set. Unaffected by H_RESET
or S_RESET, or by setting the
STOP bit.
CSR2: Initialization Block Address 1
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-8
IADR[31:24] If SSIZE32 is set (BCR20, bit 8),
then the IADR[31:24] bits will be
used strictly as the upper 8 bits of
the initialization block address.
However, if SSIZE32 is reset
(BCR20,
bit
8),
then
the
IADR[31:24] bits will be used to
generate the upper 8 bits of all
bus mastering addresses, as re-
quired for a 32-bit address bus.
Note that the 16-bit software
structures
specified
by
the
SSIZE32 = 0 setting will yield
only 24 bits of address for the
Am79C973/Am79C975 bus mas-
ter accesses, while the 32-bit
hardware
for
which
the
Am79C973/Am79C975 controller
is intended will require 32 bits of
address.
Therefore,
whenever
SSIZE32 = 0, the IADR[31:24]
bits will be appended to the 24-bit
initialization address, to each 24-
bit descriptor base address and
to each beginning 24-bit buffer
address in order to form complete
32-bit addresses. The upper 8
bits that exist in the descriptor ad-
dress registers and the buffer ad-
dress registers which are stored
on
board
the
Am79C973/
Am79C975
controller
will
be
overwritten with the IADR[31:24]
value, so that CSR accesses to
these registers will show the 32-
bit address that includes the ap-
pended field.
If SSIZE32 = 1, then software will
provide 32-bit pointer values for
all of the shared software struc-
tures - i.e., descriptor bases and
buffer addresses, and therefore,
IADR[31:24] will not be written to
the upper 8 bits of any of these
resources, but it will be used as
the upper 8 bits of the initializa-
tion address.
This
register
is
aliased
with
CSR17.
Read/Write accessible only when
either the STOP or the SPND bit
is set. Unaffected by H_RESET,
S_RESET, or by setting the
STOP bit.
7-0
IADR[23:16] Bits 23 through 16 of the address
of the Initialization Block. When-
ever
this
register
is
written,
CSR17 is updated with CSR2’s
contents.
Read/Write accessible only when
either the STOP or the SPND bit
is set. Unaffected by H_RESET,
S_RESET, or by setting the
STOP bit.
CSR3: Interrupt Masks and Deferral Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com