Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975 Datasheet(PDF) 131 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 131 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 127Page - Advanced Micro Devices AM79C975 Datasheet HTML 128Page - Advanced Micro Devices AM79C975 Datasheet HTML 129Page - Advanced Micro Devices AM79C975 Datasheet HTML 130Page - Advanced Micro Devices AM79C975 Datasheet HTML 131Page - Advanced Micro Devices AM79C975 Datasheet HTML 132Page - Advanced Micro Devices AM79C975 Datasheet HTML 133Page - Advanced Micro Devices AM79C975 Datasheet HTML 134Page - Advanced Micro Devices AM79C975 Datasheet HTML 135Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 304 page
background image
Am79C973/Am79C975
131
P R E L I M INARY
means that the software can read CSR5 and write back
the value just read to clear the interrupt condition.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15
TOKINTD
Transmit OK Interrupt Disable. If
TOKINTD is set to 1, the TINT bit
in CSR0 will not be set when a
transmission
was
successful.
Only a transmit error will set the
TINT bit.
TOKINTD has no effect when
LTINTEN (CSR5, bit 14) is set to
1. A transmit descriptor with
LTINT set to 1 will always cause
TINT to be set to 1, independent
of the success of the transmis-
sion.
Read/Write accessible always.
TOKINTD
is
cleared
by
H_RESET or S_RESET and is
unaffected by STOP.
14
LTINTEN
Last Transmit Interrupt Enable.
When set to 1, the LTINTEN bit
will
cause
the
Am79C973/
Am79C975 controller to read bit
28 of TMD1 as LTINT. The set-
ting LTINT will determine if TINT
will be set at the end of the trans-
mission.
Read/Write accessible always.
LTINTEN
is
cleared
by
H_RESET or S_RESET and is
unaffected by STOP.
13-12
RES
Reserved locations. Written as
zeros and read as undefined.
11
SINT
System Interrupt is set by the
Am79C973/Am79C975 controller
when it detects a system error
during a bus master transfer on
the PCI bus. System errors are
data parity error, master abort, or
a target abort. The setting of
SINT due to data parity error is
not dependent on the setting of
PERREN (PCI Command regis-
ter, bit 6).
When SINT is set, INTA is assert-
ed if the enable bit SINTE is 1.
Note that the assertion of an in-
terrupt due to SINT is not depen-
dent on the state of the INEA bit,
since INEA is cleared by the
STOP reset generated by the
system error.
Read/Write accessible always.
SINT is cleared by the host by
writing a 1. Writing a 0 has no ef-
fect. The state of SINT is not af-
fected by clearing any of the PCI
Status register bits that get set
when
a
data
parity
error
(DATAPERR, bit 8), master abort
(RMABORT, bit 13), or target
abort (RTABORT, bit 12) occurs.
SINT is cleared by H_RESET or
S_RESET and is not affected by
setting the STOP bit.
10
SINTE
System Interrupt Enable. If SIN-
TE is set, the SINT bit will be able
to set the INTR bit.
Read/Write accessible always.
SINTE is set to 0 by H_RESET or
S_RESET and is not affected by
setting the STOP bit.
9-8
RES
Reserved locations. Written as
zeros and read as undefined.
7
EXDINT
Excessive Deferral Interrupt is
set
by
the
Am79C973/
Am79C975 controller when the
transmitter has experienced Ex-
cessive Deferral on a transmit
frame, where Excessive Deferral
is defined in the ISO 8802-3
(IEEE/ANSI 802.3) standard.
When EXDINT is set, INTA is as-
serted if the enable bit EXDINTE
is 1.
Read/Write accessible always.
EXDINT is cleared by the host by
writing a 1. Writing a 0 has no ef-
fect.
EXDINT
is
cleared
by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
6
EXDINTE
Excessive Deferral Interrupt En-
able. If EXDINTE is set, the
EXDINT bit will be able to set the
INTR bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com