Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975 Datasheet(PDF) 138 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 138 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 134Page - Advanced Micro Devices AM79C975 Datasheet HTML 135Page - Advanced Micro Devices AM79C975 Datasheet HTML 136Page - Advanced Micro Devices AM79C975 Datasheet HTML 137Page - Advanced Micro Devices AM79C975 Datasheet HTML 138Page - Advanced Micro Devices AM79C975 Datasheet HTML 139Page - Advanced Micro Devices AM79C975 Datasheet HTML 140Page - Advanced Micro Devices AM79C975 Datasheet HTML 141Page - Advanced Micro Devices AM79C975 Datasheet HTML 142Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 304 page
background image
138
Am79C973/Am79C975
P R E L I M INARY
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
PADR[47:32]Physical
Address
Register,
PADR[47:32].The
contents
of
this register are loaded from EE-
PROM after H_RESET or by an
EEPROM
read
command
(PRGAD, BCR19, bit 14). If the
EEPROM is not present, the con-
tents of this register are unde-
fined.
This register can also be loaded
from the initialization block after
the INIT bit in CSR0 has been set
or a direct register write has been
performed on this register.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR15: Mode
This register’s fields are loaded during the Am79C973/
Am79C975 controller initialization routine with the cor-
responding Initialization Block values, or when a direct
register write has been performed on this register.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15
PROM
Promiscuous
Mode.
When
PROM = 1, all incoming receive
frames are accepted.
Read/Write accessible only when
either the STOP or the SPND bit
is set.
14
DRCVBC
Disable
Receive
Broadcast.
When
set,
disables
the
Am79C973/Am79C975 controller
from receiving broadcast mes-
sages. Used for protocols that do
not support broadcast address-
ing, except as a function of multi-
cast. DRCVBC is cleared by
activation
of
H_RESET
or
S_RESET (broadcast messages
will be received) and is unaffect-
ed by STOP.
Read/Write accessible only when
either the STOP or the SPND bit
is set.
13
DRCVPA
Disable Receive Physical Ad-
dress. When set, the physical ad-
dress detection (Station or node
ID) of the Am79C973/Am79C975
controller
will
be
disabled.
Frames addressed to the nodes
individual physical address will
not be recognized.
Read/Write accessible only when
either the STOP or the SPND bit
is set.
12-9
RES
Reserved locations. Written as
zeros and read as undefined.
8-7 PORTSEL[1:0] Port Select bits allow for software
controlled selection of the net-
work medium. The only legal val-
ues for this field is 11.
Read/Write accessible only when
either the STOP or the SPND bit
is set. Cleared by H_RESET or
S_RESET and is unaffected by
STOP.
6
INTL
Internal Loopback. See the de-
scription of LOOP (CSR15, bit 2).
Read/Write accessible only when
either the STOP or the SPND bit
is set.
5
DRTY
Disable Retry. When DRTY is set
to 1, the Am79C973/Am79C975
controller will attempt only one
transmission. In this mode, the
device will not protect the first 64
bytes of frame data in the Trans-
mit FIFO from being overwritten,
because automatic retransmis-
sion will not be necessary. When
DRTY is set to 0, the Am79C973/
Am79C975 controller will attempt
16 transmissions before signal-
ing a retry error.
Read/Write accessible only when
either the STOP or the SPND bit
is set.
4
FCOLL
Force Collision. This bit allows
the collision logic to be tested.
The Am79C973/Am79C975 con-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com