Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975 Datasheet(PDF) 178 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 178 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 174Page - Advanced Micro Devices AM79C975 Datasheet HTML 175Page - Advanced Micro Devices AM79C975 Datasheet HTML 176Page - Advanced Micro Devices AM79C975 Datasheet HTML 177Page - Advanced Micro Devices AM79C975 Datasheet HTML 178Page - Advanced Micro Devices AM79C975 Datasheet HTML 179Page - Advanced Micro Devices AM79C975 Datasheet HTML 180Page - Advanced Micro Devices AM79C975 Datasheet HTML 181Page - Advanced Micro Devices AM79C975 Datasheet HTML 182Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 304 page
background image
178
Am79C973/Am79C975
P R E L I M INARY
while EEN = 1, then setup and
hold times of the EEDI pin value
with respect to the EESK signal
edge are not guaranteed.
ESK has no effect on the EESK
pin unless the PREAD bit is set to
0 and the EEN bit is set to 1.
Read accessible always, write
accessible only when either the
STOP or the SPND bit is set. ESK
is reset to 1 by H_RESET and is
not affected by S_RESET or
STOP.
0
EDI/EDO
EEPROM
Data
In/EEPROM
Data Out. Data that is written to
this bit will appear on the EEDI
output of the interface, except
when the PREAD bit is set to 1 or
the EEN bit is set to 0. Data that
is read from this bit reflects the
value of the EEDO input of the in-
terface.
EDI/EDO has no effect on the
EEDI pin unless the PREAD bit is
set to 0 and the EEN bit is set to
1.
Read accessible always; write
accessible only when either the
STOP or the SPND bit is set. EDI/
EDO is reset to 0 by H_RESET
and is not affected by S_RESET
or STOP.
BCR20: Software Style
This register is an alias of the location CSR58. Accesses
to and from this register are equivalent to accesses to
CSR58.
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-11 RES
Reserved locations. Written as
zeros and read as undefined.
10
APERREN
Advanced Parity Error Handling
Enable. When APERREN is set
to 1, the BPE bits (RMD1 and
TMD1, bit 23) start having a
meaning. BPE will be set in the
descriptor associated with the
buffer that was accessed when a
data parity error occurred. Note
that since the advanced parity er-
ror handling uses an additional bit
in the descriptor, SWSTYLE (bits
7-0 of this register) must be set to
2 or 3 to program the Am79C973/
Am79C975 controller to use 32-
bit software structures.
APERREN does not affect the re-
porting of address parity errors or
data parity errors that occur when
the Am79C973/Am79C975 con-
troller is the target of the transfer.
Read anytime; write accessible
only when either the STOP or the
SPND bit is set. APERREN is
cleared by H_RESET and is not
affected by S_RESET or STOP.
9
RES
Reserved locations. Written as
zeros; read as undefined.
8
SSIZE32
Software Size 32 bits. When set,
this
bit
indicates
that
the
Am79C973/Am79C975 controller
utilizes 32-bit software structures
for the initialization block and the
transmit and receive descriptor
entries. When cleared, this bit in-
dicates
that
the
Am79C973/
Am79C975 controller utilizes 16-
bit software structures for the ini-
tialization block and the transmit
and receive descriptor entries. In
this
mode,
the
Am79C973/
Am79C975 controller is back-
wards
compatible
with
the
Am7990 LANCE and Am79C960
PCnet-ISA controllers.
The value of SSIZE32 is deter-
mined
by
the
Am79C973/
Am79C975 controller according
to the setting of the Software
Style (SWSTYLE, bits 7-0 of this
register).
Read
accessible
always.
SSIZE32 is read only; write oper-
ations will be ignored. SSIZE32
will be cleared after H_RESET
(since SWSTYLE defaults to 0)
and is not affected by S_RESET
or STOP.
If SSIZE32 is reset, then bits
IADR[31:24] of CSR2 will be
used to generate values for the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com