Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 187 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 187 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 183Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 184Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 185Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 186Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 187Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 188Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 189Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 190Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 191Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 304 page
background image
Am79C973/Am79C975
187
P R E L I M INARY
TXD[3:0] nibble data path is
looped back onto the RXD[3:0]
nibble data path. TX_CLK is
looped back as RX_CLK. TX_EN
is looped back as RX_DV. CRS is
correctly OR’d with TX_EN and
RX_DV and always encompass-
es the transmit frame. TX_ER is
looped back as RX_ER. Howev-
er, TX_ER will not get asserted
by
the
Am79C973/Am79C975
controller to signal an error. The
TX_ER function is reserved for
future use.
Read/Write accessible always.
MIIILP is set to 0 by H_RESET
and is unaffected by S_RESET
and the STOP bit.
0
RES
Reserved location. Written as ze-
ros and read as undefined.
BCR33: PHY Address Register
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15
RES
Reserved locations. Written as
zeros and read as undefined.
9-5
PHYAD
Management Frame PHY Ad-
dress. PHYAD contains the 5-bit
PHY Address field that is used in
the management frame that gets
clocked out via the MII manage-
ment port pins (MDC and MDIO)
whenever a read or write transac-
tion occurs to BCR34. The PHY
address 1Fh is not valid. The
PHY address of the internal PHY
unit is 1Eh (30 dec.)
The Network Port Manager cop-
ies
the
PHYAD
after
the
Am79C973/Am79C975 controller
reads the EEPROM and uses it to
communicate with the external
PHY. The PHY address must be
programmed into the EEPROM
prior to starting the Am79C973/
Am79C975 controller.
Read/Write accessible always.
PHYAD
is
undefined
after
H_RESET and is unaffected by
S_RESET and the STOP bit.
4-0
REGAD
Management Frame Register Ad-
dress. REGAD contains the 5-bit
Register Address field that is
used in the management frame
that gets clocked out via the inter-
nal MII management interface
whenever a read or write transac-
tion occurs to BCR34.
Read/Write accessible always.
REGAD
is
undefined
after
H_RESET and is unaffected by
S_RESET and the STOP bit.
BCR34: PHY Management Data Register
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
MIIMD
MII Management Data. MIIMD is
the data port for operations on the
MII management interface (MDIO
and
MDC).
The
Am79C973/
Am79C975 device builds man-
agement frames using the PHY-
AD and REGAD values from
BCR33. The operation code used
in each frame is based upon
whether a read or write operation
has been performed to BCR34.
Read cycles on the MII manage-
ment interface are invoked when
BCR34 is read. Upon completion
of the read cycle, the 16-bit result
of the read operation is stored in
MIIMD. Write cycles on the MII
management interface are in-
voked when BCR34 is written.
The value written to MIIMD is the
value used in the data field of the
management write frame.
Read/Write accessible always.
MIIMD
is
undefined
after
H_RESET and is unaffected by
S_RESET and the STOP bit.
BCR35: PCI Vendor ID Register
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
VID
Vendor ID. The PCI Vendor ID
register is a 16-bit register that



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com