Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 186 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 186 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 182Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 183Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 184Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 185Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 186Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 187Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 188Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 189Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 190Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 304 page
background image
186
Am79C973/Am79C975
P R E L I M INARY
Read/Write accessible always.
APEP
is
set
to
0
during
H_RESET and is unaffected by
S_RESET and the STOP bit.
10-8
APDW
Auto-Poll Dwell Time. APDW de-
termines the dwell time between
PHY
Management
Frame
accesses
when
Auto-Poll
is
turned on. See Table 38.
Read/Write accessible always.
APDW is set to
100h after
H_RESET and is unaffected by
S_RESET and the STOP bit.
7
DANAS
Disable
Auto-Negotiation
Auto
Setup. When DANAS is set, the
Am79C973/Am79C975 controller
after a H_RESET or S_RESET
will remain dormant and not auto-
matically startup the Auto-Negoti-
ation section or the enhanced
automatic port selection section.
Instead,
the
Am79C973/
Am79C975 controller will wait for
the software driver to setup the
Auto-Negotiation portions of the
device. The PHY Address and
Data programming in BCR33 and
BCR34
is
still
valid.
The
Am79C973/Am79C975 controller
will not generate any manage-
ment frames unless Auto-Poll is
enabled.
Read/write
accessible
always.
DANAS is set to 0 by H_RESET
and is unaffected by S_RESET
and the STOP bit.
6
XPHYRST
PHY Reset. When XPHYRST is
set, the Am79C973/Am79C975
controller after an H_RESET or
S_RESET will issue manage-
ment frames that will reset the
PHY. This bit is needed when
there is no way to guarantee the
state of the external PHY. This bit
must be reprogrammed after ev-
ery H_RESET.
Read/Write accessible always.
XPHYRST
is
set
to
0
by
H_RESET and is unaffected by
S_RESET and the STOP bit.
XPHYRST is only valid when the
internal Network Port Manager is
scanning for a network port.
5
XPHYANE
PHY Auto-Negotiation Enable.
This bit will force the PHY into en-
abling Auto-Negotiation. When
set
to
0
the
Am79C973/
Am79C975 controller will send a
management
frame
disabling
Auto-Negotiation.
Read/Write accessible always.
XPHYANE
is
set
to
0
by
H_RESET and is unaffected by
S_RESET and the STOP bit.
XPHYANE is only valid when the
internal Network Port Manager is
scanning for a network port.
4
XPHYFD
PHY Full Duplex. When set, this
bit will force the PHY into full du-
plex when Auto-Negotiation is not
enabled.
Read/Write accessible always.
XPHYFD
is
set
to
0
by
H_RESET, and is unaffected by
S_RESET and the STOP bit.
3
XPHYSP
PHY Speed. When set, this bit
will force the PHY into 100 Mbps
mode when Auto-Negotiation is
not enabled.
Read/Write accessible always.
XPHYSP
is
set
to
0
by
H_RESET, and is unaffected by
S_RESET and the STOP bit.
2
RES
Reserved location. Written as ze-
ros and read as undefined.
1
MIIILP
Media Independent Interface In-
ternal Loopback. When set, this
bit will cause the internal portion
of the MII data port to loopback
on itself. The interface is mapped
in
the
following
way.
The
Table 38. APDW Values
APDW
Auto-Poll
 Dwell Time
000
Continuous (26
µs @ 2.5 MHz)
001
Every 128 MDC cycles (103
µs @ 2.5 MHz)
010
Every 256 MDC cycles (206
µs @ 2.5 MHz)
011
Every 512 MDC cycles (410
µs @ 2.5 MHz)
100
Every 1024 MDC cycles (819
µs @ 2.5 MHz)
101
Every 2048 MDC cycles (1640
µs @ 2.5 MHz)
110-111 Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com