Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 182 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 182 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 178Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 179Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 180Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 181Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 182Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 183Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 184Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 185Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 186Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 304 page
background image
182
Am79C973/Am79C975
P R E L I M INARY
14
LOLATRX
Low Latency Receive. When the
LOLATRX bit is set to 1, the
Am79C973/Am79C975 controller
will switch to an architecture ap-
plicable to cut-through switches.
The Am79C973/Am79C975 con-
troller will assert a receive frame
DMA after only 16 bytes of the
current receive frame has been
received regardless of where the
RCVFW (CSR80, bits 13-12) are
set. The watermark is a fixed val-
ue and cannot be changed. The
receive
FIFOs
will
be
in
NO_SRAM mode while all trans-
mit traffic is buffered through the
SRAM. This bit is only valid and
the low latency receive only en-
abled
when
the
SRAM_SIZE
(BCR25, bits 7-0) bits are non-ze-
ro. SRAM_BND (BCR26, bits 7-
0) has no meaning when the
Am79C973/Am79C975 controller
is in the Low Latency mode. See
the section on SRAM Configura-
tion for more details.
When the LOLATRX bit is set to
0,
the
Am79C973/Am79C975
controller will return to a normal
receive configuration. The runt
packet accept bit (RPA, CSR124,
bit 3) must be set when LOLA-
TRX is set.
CAUTION: To provide data in-
tegrity when switching into
and out of the low latency
mode,
DO
NOT
SET
the
FASTSPNDE (CSR7, bit 15) bit
when setting the SPND bit. Re-
ceive frames WILL be overwrit-
ten
and
the
Am79C973/
Am79C975 controller may give
erratic behavior when it is en-
able again. The minimum al-
lowed number of pages is four.
The
Am79C973/Am79C975
controller will not operate cor-
rectly in the LOLATRX mode
with less than four pages of
memory.
Read/Write accessible only when
the STOP bit is set. LOLATRX is
cleared to 0 after H_RESET or
S_RESET and is unaffected by
STOP.
13-6
RES
Reserved locations. Written as
zeros and read as undefined.
5-3
EBCS
Expansion Bus Clock Source.
These bits are used to select the
source of the fundamental clock
to drive the SRAM and Expansion
ROM access cycles. Table 35
shows the selected clock source
for the various values of EBCS.
Note that the actual frequency
that the Expansion Bus access
cycles run at is a function of both
the
EBCS
and
CLK_FAC
(BCR27, bits 2-0) bit field set-
tings. When EBCS is set to either
the PCI clock or the Time Base
clock, no external clock source is
required as the clocks are routed
internally and the EBCLK pin
should be pulled to VDD through
a resistor.
Read accessible always; write
accessible only when the STOP
bit is set. EBCS is set to 000b
(PCI
clock
selected)
during
H_RESET and is unaffected by
S_RESET or the STOP bit.
Note: The clock frequency driv-
ing the Expansion Bus access cy-
cles that results from the settings
of the EBCS and CLK FAC bits
must not exceed 33 MHz at any
time. When EBCS is set to either
the PCI clock or the Time Base
clock, no external clock source is
required because the clocks are
routed internally and the EBCLK
pin should be pulled to VDD
through a resistor.
CAUTION: Care should be ex-
ercised when choosing the PCI
clock pin because of the nature
of the PCI clock signal. The PCI
specification states that the
PCI clock can be stopped. If
Table 35. EBCS Values
EBCS
Expansion Bus Clock Source
000
CLK pin (PCI Clock)
001
Time Base Clock
010
EBCLK pin
011
Reserved
1XX
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com