Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 181 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 181 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 177Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 178Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 179Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 180Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 181Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 182Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 183Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 184Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 185Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 304 page
background image
Am79C973/Am79C975
181
P R E L I M INARY
31-8
RES
Reserved locations. Written as
zeros and read as undefined.
7-0
SRAM_SIZE SRAM Size. Specifies the upper
8 bits of the 16-bit total size of the
SRAM
buffer.
Each
bit
in
SRAM_SIZE accounts for a 512-
byte page. The starting address
for the lower 8 bits is assumed to
be 00h and the ending address
for the lower is assumed to be
FFh. Therefore, the maximum ad-
dress range is the starting ad-
dress of 0000h to ending address
of
((SRAM_SIZE
+1)
*
256
words)
or
17FFh.
An
SRAM_SIZE value of all zeros
specifies that no SRAM will be
used and the internal FIFOs will
be joined into a contiguous FIFO
similar to the PCnet-PCI II con-
troller.
Note:
The
minimum
allowed
number of pages is eight for nor-
mal
network
operation.
The
Am79C973/Am79C975 controller
will not operate correctly with less
than the eight pages of memory.
When the minimum number of
pages is used, these pages must
be allocated four each for trans-
mit and receive.
CAUTION:
Programming
SRAM_BND and SRAM_SIZE
to the same value will cause
data corruption except in the
case where SRAM_SIZE is 0.
Read accessible always; write
accessible only when the STOP
bit is set. SRAM_SIZE is set to
000000b during H_RESET and is
unaffected
by
S_RESET
or
STOP.
BCR26: SRAM Boundary Register
Bit
Name
Description
Note: Bits 7-0 in this register are programmable
through the EEPROM.
31-8
RES
Reserved locations. Written as
zeros and read as undefined.
7-0
SRAM_BND
SRAM Boundary. Specifies the
upper 8 bits of the 16-bit address
boundary where the receive buffer
begins in the SRAM. The transmit
buffer in the SRAM begins at ad-
dress 0 and ends at the address
located just before the address
specified by SRAM_BND. There-
fore, the receive buffer always be-
gins on a 512 byte boundary. The
lower bits are assumed to be ze-
ros. SRAM_BND has no effect in
the Low Latency Receive mode.
Note:
The
minimum
allowed
number of pages is four. The
Am79C973/Am79C975 controller
will not operate correctly with less
than four pages of memory per
queue.
See
Table
34
for
SRAM_BND programming de-
tails.
CAUTION:
Programming
SRAM_BND and SRAM_SIZE
to the same value will cause
data corruption except in the
case where SRAM SIZE is 0.
Read accessible always; write
accessible only when the STOP
bit is set. SRAM_BND is set to
00000000b
during
H_RESET
and is unaffected by S_RESET or
STOP.
BCR27: SRAM Interface Control Register
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15
PTR TST
Reserved. Reserved for manu-
facturing tests. Written as zero
and read as undefined.
Note: Use of this bit will cause
data corruption and erroneous
operation.
Read/Write accessible always.
PTR_TST
is
set
to
0
by
H_RESET and is unaffected by
S_RESET and the STOP bit.
Table 34. SRAM_BND Programming
SRAM Addresses
SRAM_BND [7:0]
Minimum SRAM_BND
Address
04h
Maximum SRAM_BND Address
13h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com