Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 180 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 180 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 176Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 177Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 178Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 179Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 180Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 181Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 182Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 183Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 184Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 304 page
background image
180
Am79C973/Am79C975
P R E L I M INARY
Read accessible always; write
accessible only when either the
STOP or the SPND bit is set.
MAX_LAT is set to the value of
FFh by H_RESET which results
in a default maximum latency of
63.75 microseconds. It is recom-
mended to program the value of
18H via EEPROM. MAX_LAT is
not affected by S_RESET or
STOP.
7-0
MIN_GNT
Minimum Grant. Specifies the
minimum length of a burst period
the Am79C973/Am79C975 con-
troller needs to keep up with the
network activity. The length of the
burst period is calculated assum-
ing a clock rate of 33 MHz. The
register value specifies the time
in units of 1/4 ms. MIN_GNT is
aliased to the PCI configuration
space register MIN_GNT (offset
3Eh). The host will use the value
in the register to determine the
setting
of
the
Am79C973/
Am79C975 Latency Timer regis-
ter.
Read accessible always; write
accessible only when either the
STOP or the SPND bit is set.
MIN_GNT is set to the value of
06h by H_RESET which results
in a default minimum grant of
1.5 ms, which is the time it takes
to Am79C973/Am79C975 con-
troller to read/write half of the
FIFO. (16 DWord transfers in
burst mode with one extra wait
state per data phase inserted by
the target.) Note that the default
is only a typical value. It also does
not take into account any descrip-
tor accesses. It is recommended
to program the value of 18H via
EEPROM. MIN_GNT is not af-
fected by S_RESET or STOP.
BCR23: PCI Subsystem Vendor ID Register
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-0
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
SVID
Subsystem Vendor ID. SVID is
used together with SID (BCR24,
bits 15-0) to uniquely identify the
add-in board or subsystem the
Am79C973/Am79C975 controller
is used in. Subsystem Vendor IDs
can be obtained form the PCI
SIG. A value of 0 (the default) in-
dicates
that
the
Am79C973/
Am79C975 controller does not
support subsystem identification.
SVID is aliased to the PCI config-
uration space register Subsystem
Vendor ID (offset 2Ch).
Read accessible always. SVID is
read only. Write operations are
ignored. SVID is cleared to 0 by
H_RESET and is not affected by
S_RESET or by setting the STOP
bit.
BCR24: PCI Subsystem ID Register
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
SID
Subsystem ID. SID is used to-
gether with SVID (BCR23, bits
15-0) to uniquely identify the add-
in
board
or
subsystem
the
Am79C973/Am79C975 controller
is used in. The value of SID is up
to the system vendor. A value of
0 (the default) indicates that the
Am79C973/Am79C975 controller
does
not
support
subsystem
identification. SID is aliased to the
PCI configuration space register
Subsystem ID (offset 2Eh).
Read accessible always. SID is
read only. Write operations are
ignored. SID is cleared to 0 by
H_RESET and is not affected by
S_RESET or by setting the STOP
bit.
BCR25: SRAM Size Register
Bit
Name
Description
Note: Bits 7-0 in this register are programmable
through the EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com