Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 183 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 183 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 179Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 180Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 181Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 182Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 183Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 184Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 185Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 186Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 187Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 304 page
background image
Am79C973/Am79C975
183
P R E L I M INARY
that can occur while it is being
used for the Expansion Bus
clock data, corruption will re-
sult.
CAUTION:
The
Time
Base
Clock will not support 100 Mbit
operation and should only be
selected in 10 Mbit only config-
urations.
CAUTION: The external clock
source
used
to
drive
the
EBCLK pin must be a continu-
ous clock source at all times.
2-0
CLK_FAC
Clock Factor. These bits are used
to select whether the clock select-
ed by EBCS is used directly or if it
is divided down to give a slower
clock for running the Expansion
Bus access cycles. The possible
factors are given in Table 36.
Read accessible always; write
accessible only when the STOP
bit is set. CLK_FAC is set to 000b
during H_RESET and is unaffect-
ed by S_RESET or STOP.
BCR28: Expansion Bus Port Address Lower (Used
for Flash/EPROM and SRAM Accesses)
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
EPADDRL
Expansion Port Address Lower.
This address is used to provide
addresses for the Flash and
SRAM port accesses.
SRAM
accesses
are
started
when a read or write is performed
on BCR30 and the FLASH (BCR
29, bit 15) is set to 0. During
SRAM accesses only bits in the
EPADDRL are valid. Since all
SRAM accesses are word orient-
ed only, EPADDRL[0] is the least
significant word address bit. On
any byte write accesses to the
SRAM, the user will have to fol-
low
the
read-modify-write
scheme. On any byte read ac-
cesses to the SRAM, the user will
have to chose which byte is
needed from the complete word
returned in BCR30.
Flash accesses are started when
a read or write is performed on
BCR30 and the FLASH (BCR 29,
bit 15) is set to 1. During Flash
accesses all bits in EPADDR are
valid.
Read accessible always; write
accessible only when the STOP
is set or when SRAM SIZE
(BCR25, bits 7-0) is 0. EPADDRL
is undefined after H_RESET and
is unaffected by S_RESET or
STOP.
BCR29: Expansion Port Address Upper (Used for
Flash/EPROM Accesses)
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15
FLASH
Flash Access. When the FLASH
bit is set to 1, the Expansion Bus
access will be a Flash cycle.
When FLASH is set to 0, the Ex-
pansion Bus access will be a
SRAM cycle. For a complete de-
scription, see the section on Ex-
pansion Bus Accesses. This bit is
only applicable to reads or writes
to EBDATA (BCR30). It does not
affect Expansion ROM accesses
from the PCI system bus.
Read accessible always; write
accessible only when the STOP
bit is set. FLASH is 0 after
H_RESET and is unaffected by
S_RESET or the STOP bit.
14
LAAINC
Lower Address Auto Increment.
When the LAAINC bit is set to 1,
the Expansion Port Lower Ad-
dress will automatically increment
by one after a read or write ac-
cess to EBDATA (BCR30). When
Table 36. CLK_FAC Values
CLK_FAC
Clock Factor
000
1
001
1/2 (divide by 2)
010
Reserved
011
1/4 (divide by 4)
1XX
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com