Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 184 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 184 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 180Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 181Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 182Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 183Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 184Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 185Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 186Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 187Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 188Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 304 page
background image
184
Am79C973/Am79C975
P R E L I M INARY
EBADDRL reaches FFFFh and
LAAINC is set to 1, the Expansion
Port Lower Address (EPADDRL)
will roll over to 0000h. When the
LAAINC bit is set to 0, the Expan-
sion Port Lower Address will not
be affected in any way after an
access to EBDATA (BCR30) and
must be programmed.
Read accessible always; write
accessible only when the STOP
bit is set. LAINC is 0 after
H_RESET and is unaffected by
S_RESET or the STOP bit.
13-4
RES
Reserved locations. Written as
zeros and read as undefined.
3-0
EPADDRU
Expansion Port Address Upper.
This upper portion of the Expan-
sion Bus address is used to pro-
vide addresses for Flash/EPROM
port accesses.
Read accessible always; write
accessible only when the STOP
bit is set or when SRAM SIZE
(BCR25, bits 7-0) is 0. EPADD-
RU is undefined after H_RESET
and is unaffected by S_RESET or
the STOP bit.
BCR30: Expansion Bus Data Port Register
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
EBDATA
Expansion Bus Data Port. EBDA-
TA is the data port for operations
on the Expansion Port accesses
involving SRAM and Flash ac-
cesses. The type of access is set
by the FLASH bit (BCR 29, bit
15). When the FLASH bit is set to
1, the Expansion Bus access will
follow the Flash access timing.
When the FLASH bit is set to 0,
the Expansion Bus access will
follow the SRAM access timing.
Note: It is important to set the
FLASH bit and load Expansion
Port Address EPADDR (BCR28,
BCR29) with the required ad-
dress before attempting read or
write to the Expansion Bus data
port. The Flash and SRAM ac-
cesses use different address
phases. Incorrect configuration
will result in a possible corruption
of data.
Flash read cycles are performed
when BCR30 is read and the
FLASH bit (BCR29, bit 15) is set
to 1. Upon completion of the read
cycle, the 8-bit result for Flash ac-
cess is stored in EBDATA[7:0],
EBDATA[15:8]
is
undefined.
Flash write cycles are performed
when BCR30 is written and the
FLASH bit (BCR29, bit 15) is set
to 1. EBDATA[7:0] only is valid
for write cycles.
SRAM read cycles are performed
when BCR30 is read and the
FLASH bit (BCR29, bit 15) is set
to 0. Upon completion of the read
cycle, the 16-bit result for SRAM
access is stored in EBDATA.
Write cycles to the SRAM are in-
voked when BCR30 is written
and the FLASH bit (BCR29, bit
15) is set to 0. Byte writes to the
SRAM must use a read-modify-
write scheme since the word is al-
ways valid for SRAM write or
read accesses.
Read and write accessible only
when the STOP is set or when
SRAM SIZE (BCR25, bits 7-0) is
0. EBDATA is undefined after
H_RESET, and is unaffected by
S_RESET and the STOP bit.
BCR31: Software Timer Register
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
STVAL
Software Timer Value. STVAL
controls the maximum time for
the Software Timer to count be-
fore
generating
the
STINT
(CSR7, bit 11) interrupt. The Soft-
ware Timer is a free-running timer
that is started upon the first write
to STVAL. After the first write, the
Software Timer will continually
count and set the STINT interrupt
at the STVAL period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com