Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 115 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 115 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 111Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 112Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 113Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 114Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 115Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 116Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 117Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 118Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 119Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 304 page
background image
Am79C973/Am79C975
115
P R E L I M INARY
For memory mapped I/O, the
host must program the PCI Mem-
ory Mapped I/O Base Address
register with a valid memory ad-
dress before setting MEMEN.
For accesses to the Expansion
ROM, the host must program the
PCI Expansion ROM Base Ad-
dress register at offset 30h with a
valid memory address before set-
ting MEMEN. The Am79C973/
Am79C975 controller will only re-
spond to accesses to the Expan-
sion ROM when both ROMEN
(PCI Expansion ROM Base Ad-
dress register, bit 0) and MEMEN
are set to 1. Since MEMEN also
enables the memory mapped ac-
cess
to
the
Am79C973/
Am79C975 I/O resources, the
PCI Memory Mapped I/O Base
Address register must be pro-
grammed with an address so that
the device does not claim cycles
not intended for it.
MEMEN is cleared by H_RESET
and is not effected by S_RESET
or by setting the STOP bit.
0
IOEN
I/O Space Access Enable. The
Am79C973/Am79C975 controller
will ignore all I/O accesses when
IOEN is cleared. The host must
set IOEN before the first I/O ac-
cess to the device. The PCI I/O
Base Address register must be
programmed with a valid I/O ad-
dress before setting IOEN.
IOEN is cleared by H_RESET
and is not effected by S_RESET
or by setting the STOP bit.
PCI Status Register
Offset 06h
The PCI Status register is a 16-bit register that contains
status information for the PCI bus related events. It is
located at offset 06h in the PCI Configuration Space.
Bit
Name
Description
15
PERR
Parity Error. PERR is set when
the Am79C973/Am79C975 con-
troller detects a parity error.
The Am79C973/Am79C975 con-
troller samples the AD[31:0], C/
BE[3:0], and the PAR lines for a
parity error at the following times:
• In slave mode, during the ad-
dress phase of any PCI bus com-
mand.
• In slave mode, for all I/O, mem-
ory and configuration write com-
mands
that
select
the
Am79C973/Am79C975 controller
when data is transferred (TRDY
and IRDY are asserted).
• In master mode, during the data
phase of all memory read com-
mands.
In master mode, during the data
phase of the memory write com-
mand,
the
Am79C973/
Am79C975 controller sets the
PERR bit if the target reports a
data parity error by asserting the
PERR signal.
PERR is not effected by the state
of the Parity Error Response en-
able bit (PCI Command register,
bit 6).
PERR is set by the Am79C973/
Am79C975
controller
and
cleared by writing a 1. Writing a 0
has no effect. PERR is cleared by
H_RESET and is not affected by
S_RESET or by setting the STOP
bit.
14
SERR
Signaled SERR. SERR is set
when the Am79C973/Am79C975
controller detects an address par-
ity error and both SERREN and
PERREN (PCI Command regis-
ter, bits 8 and 6) are set.
SERR is set by the Am79C973/
Am79C975
controller
and
cleared by writing a 1. Writing a 0
has no effect. SERR is cleared by
H_RESET and is not affected by
S_RESET or by setting the STOP
bit.
13
RMABORT Received
Master
Abort.
RM-
ABORT
is
set
when
the
Am79C973/Am79C975 controller
terminates a master cycle with a
master abort sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com