Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 116 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 116 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 112Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 113Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 114Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 115Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 116Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 117Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 118Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 119Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 120Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 304 page
background image
116
Am79C973/Am79C975
P R E L I M INARY
RMABORT
is
set
by
the
Am79C973/Am79C975 controller
and cleared by writing a 1. Writ-
ing a 0 has no effect. RMABORT
is cleared by H_RESET and is
not affected by S_RESET or by
setting the STOP bit.
12
RTABORT
Received
Target
Abort.
RT-
ABORT is set when a target ter-
minates
an
Am79C973/
Am79C975 master cycle with a
target abort sequence.
RTABORT
is
set
by
the
Am79C973/Am79C975 controller
and cleared by writing a 1. Writ-
ing a 0 has no effect. RTABORT
is cleared by H_RESET and is
not affected by S_RESET or by
setting the STOP bit.
11
STABORT
Send Target Abort. Read as ze-
ro; write operations have no ef-
fect. The Am79C973/Am79C975
controller will never terminate a
slave access with a target abort
sequence.
STABORT is read only.
10-9
DEVSEL
Device Select Timing. DEVSEL
is set to 01b (medium), which
means
that
the
Am79C973/
Am79C975 controller will assert
DEVSEL two clock periods after
FRAME is asserted.
DEVSEL is read only.
8
DATAPERR
Data
Parity
Error
Detected.
DATAPERR is set when the
Am79C973/Am79C975 controller
is the current bus master and it
detects a data parity error and the
Parity Error Response enable bit
(PCI Command register, bit 6) is
set.
During the data phase of all
memory read commands, the
Am79C973/Am79C975 controller
checks for parity error by sam-
pling the AD[31:0] and C/BE[3:0]
and the PAR lines. During the
data phase of all memory write
commands,
the
Am79C973/
Am79C975 controller checks the
PERR input to detect whether the
target has reported a parity error.
DATAPERR
is
set
by
the
Am79C973/Am79C975 controller
and cleared by writing a 1. Writ-
ing a 0 has no effect. DATAPERR
is cleared by H_RESET and is
not affected by S_RESET or by
setting the STOP bit.
7
FBTBC
Fast
Back-To-Back
Capable.
Read as one; write operations
have no effect. The Am79C973/
Am79C975 controller is capable
of accepting fast back-to-back
transactions with the first transac-
tion addressing a different target.
6-5
RES
Reserved locations. Read as
zero; write operations have no ef-
fect.
4
NEW_CAP New Capabilities. This bit indi-
cates whether this function imple-
ments
a
list
of
extended
capabilities such as PCI power
management. When set, this bit
indicates the presence of New
Capabilities. A value of 0 means
that this function does not imple-
ment New Capabilities.
Read as one; write operations
have no effect. The Am79C973/
Am79C975 controller supports
the Linked Additional Capabilities
List.
3-0
RES
Reserved locations. Read as
zero; write operations have no ef-
fect.
PCI Revision ID Register
Offset 08h
The PCI Revision ID register is an 8-bit register that
specifies the Am79C973/Am79C975 controller revision
number. The value of this register is 4Xh with the lower
four bits being silicon-revision dependent.
The PCI Revision ID register is located at offset 08h in
the PCI Configuration Space. It is read only.
PCI Programming Interface Register
Offset 09h
The PCI Programming Interface register is an 8-bit reg-
ister that identifies the programming interface of
Am79C973/Am79C975 controller. PCI does not define



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com