Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 117 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 117 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 113Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 114Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 115Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 116Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 117Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 118Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 119Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 120Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 121Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 304 page
background image
Am79C973/Am79C975
117
P R E L I M INARY
any specific register-level programming interfaces for
network devices. The value of this register is 00h.
The PCI Programming Interface register is located at
offset 09h in the PCI Configuration Space. It is read only.
PCI Sub-Class Register
Offset 0Ah
The PCI Sub-Class register is an 8-bit register that iden-
tifies specifically the function of the Am79C973/
Am79C975 controller. The value of this register is 00h
which identifies the Am79C973/Am79C975 device as
an Ethernet controller.
The PCI Sub-Class register is located at offset 0Ah in
the PCI Configuration Space. It is read only.
PCI Base-Class Register
Offset 0Bh
The PCI Base-Class register is an 8-bit register that
broadly classifies the function of the Am79C973/
Am79C975 controller. The value of this register is 02h
which classifies the Am79C973/Am79C975 device as
a network controller.
The PCI Base-Class register is located at offset 0Bh in
the PCI Configuration Space. It is read only.
PCI Latency Timer Register
Offset 0Dh
The PCI Latency Timer register is an 8-bit register that
specifies the minimum guaranteed time the Am79C973/
Am79C975 controller will control the bus once it starts
its bus mastership period. The time is measured in clock
cycles. Every time the Am79C973/Am79C975 control-
ler asserts FRAME at the beginning of a bus mastership
period, it will copy the value of the PCI Latency Timer
register into a counter and start counting down. The
counter will freeze at 0. When the system arbiter re-
moves GNT while the counter is non-zero, the
Am79C973/Am79C975 controller will continue with its
data transfers. It will only release the bus when the
counter has reached 0.
The PCI Latency Timer is only significant in burst trans-
actions, where FRAME stays asserted until the last data
phase. In a non-burst transaction, FRAME is only as-
serted during the address phase. The internal latency
counter will be cleared and suspended while FRAME is
deasserted.
All eight bits of the PCI Latency Timer register are pro-
grammable. The host should read the Am79C973/
Am79C975 PCI MIN_GNT and PCI MAX_LAT registers
to determine the latency requirements for the device
and then initialize the Latency Timer register with an
appropriate value.
The PCI Latency Timer register is located at offset 0Dh
in the PCI Configuration Space. It is read and written by
the host. The PCI Latency Timer register is cleared by
H_RESET and is not effected by S_RESET or by setting
the STOP bit.
PCI Header Type Register
Offset 0Eh
The PCI Header Type register is an 8-bit register that
describes the format of the PCI Configuration Space
locations 10h to 3Ch and that identifies a device to be
single or multi-function. The PCI Header Type register
is located at address 0Eh in the PCI Configuration
Space. It is read only.
Bit
Name
Description
7
FUNCT
Single-function/multi-function de-
vice. Read as zero; write opera-
tions
have
no
effect.
The
Am79C973/Am79C975 controller
is a single function device.
6-0
LAYOUT
PCI configuration space layout.
Read as zeros; write operations
have no effect. The layout of the
PCI configuration space loca-
tions 10h to 3Ch is as shown in
the table at the beginning of this
section.
PCI I/O Base Address Register
Offset 10h
The PCI I/O Base Address register is a 32-bit register
that determines the location of the Am79C973/
Am79C975 I/O resources in all of I/O space. It is located
at offset 10h in the PCI Configuration Space.
Bit
Name
Description
31-5
IOBASE
I/O base address most significant
27 bits. These bits are written by
the host to specify the location of
the Am79C973/Am79C975 I/O
resources in all of I/O space. IO-
BASE must be written with a valid
address before the Am79C973/
Am79C975 controller slave I/O
mode is turned on by setting the
IOEN bit (PCI Command register,
bit 0).
When
the
Am79C973/
Am79C975 controller is enabled
for I/O mode (IOEN is set), it
monitors the PCI bus for a valid I/
O command. If the value on
AD[31:5]
during
the
address
phase of the cycles matches the
value
of
IOBASE,
the
Am79C973/Am79C975 controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com