Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973VCW Datasheet(PDF) 119 Page - Advanced Micro Devices

Part # AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Datasheet(HTML) 119 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 115Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 116Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 117Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 118Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 119Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 120Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 121Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 122Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 123Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 304 page
background image
Am79C973/Am79C975
119
P R E L I M INARY
PCI Subsystem Vendor ID Register
Offset 2Ch
The PCI Subsystem Vendor ID register is a 16-bit reg-
ister that together with the PCI Subsystem ID uniquely
identifies the add-in card or subsystem the Am79C973/
Am79C975 controller is used in. Subsystem Vendor
IDs can be obtained from the PCI SIG. A value of 0 (the
default) indicates that the Am79C973/Am79C975 con-
troller does not support subsystem identification. The
PCI Subsystem Vendor ID is an alias of BCR23, bits
15-0. It is programmable through the EEPROM.
The PCI Subsystem Vendor ID register is located at off-
set 2Ch in the PCI Configuration Space. It is read only.
PCI Subsystem ID Register
Offset 2Eh
The PCI Subsystem ID register is a 16-bit register that
together with the PCI Subsystem Vendor ID uniquely
identifies the add-in card or subsystem the Am79C973/
Am79C975 controller is used in. The value of the Sub-
system ID is up to the system vendor. A value of 0 (the
default) indicates that the Am79C973/Am79C975 con-
troller does not support subsystem identification. The
PCI Subsystem ID is an alias of BCR24, bits 15-0. It is
programmable through the EEPROM.
The PCI Subsystem ID register is located at offset 2Eh
in the PCI Configuration Space. It is read only.
PCI Expansion ROM Base Address Register
Offset 30h
The PCI Expansion ROM Base Address register is a
32-bit register that defines the base address, size and
address alignment of an Expansion ROM. It is located
at offset 30h in the PCI Configuration Space.
Bit
Name
Description
31-20
ROMBASE Expansion ROM base address
most significant 12 bits. These
bits are written by the host to
specify the location of the Expan-
sion ROM in all of memory space.
ROMBASE must be written with a
valid
address
before
the
Am79C973/Am79C975
Expan-
sion ROM access is enabled by
setting ROMEN (PCI Expansion
ROM Base Address register, bit
0) and MEMEN (PCI Command
register, bit 1).
Since the 12 most significant bits
of the base address are program-
mable, the host can map the Ex-
pansion
ROM
on
any
1M
boundary.
When
the
Am79C973/
Am79C975 controller is enabled
for
Expansion
ROM
access
(ROMEN and MEMEN are set to
1), it monitors the PCI bus for a
valid memory command. If the
value on AD[31:2] during the ad-
dress phase of the cycle falls be-
tween
ROMBASE
and
ROMBASE
+
1M
-
4,
the
Am79C973/Am79C975 controller
will drive DEVSEL indicating it
will respond to the access.
ROMBASE is read and written by
the host. ROMBASE is cleared
by H_RESET and is not affected
by S_RESET or by setting the
STOP bit.
19-1
ROMSIZE
ROM size. Read as zeros; write
operation have no effect. ROM-
SIZE indicates the maximum size
of
the
Expansion
ROM
the
Am79C973/Am79C975 controller
can support. The host can deter-
mine the Expansion ROM size by
writing FFFF FFFFh to the Ex-
pansion ROM Base Address reg-
ister. It will read back a value of 0
in bit 19-1, indicating an Expan-
sion ROM size of 1M.
Note that ROMSIZE only speci-
fies the maximum size of Expan-
sion
ROM
the
Am79C973/
Am79C975 controller supports. A
smaller ROM can be used, too.
The actual size of the code in the
Expansion ROM is always deter-
mined by reading the Expansion
ROM header.
0
ROMEN
Expansion ROM Enable. Written
by the host to enable access to
the
Expansion
ROM.
The
Am79C973/Am79C975 controller
will only respond to accesses to
the Expansion ROM when both
ROMEN and MEMEN (PCI Com-
mand register, bit 1) are set to 1.
ROMEN is read and written by
the host. ROMEN is cleared by
H_RESET and is not effected by
S_RESET or by setting the STOP
bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com