Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C981 Datasheet(PDF) 20 Page - Advanced Micro Devices

Part # AM79C981
Description  Integrated Multiport Repeater Plus??(IMR??
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C981 Datasheet(HTML) 20 Page - Advanced Micro Devices

Back Button AM79C981 Datasheet HTML 16Page - Advanced Micro Devices AM79C981 Datasheet HTML 17Page - Advanced Micro Devices AM79C981 Datasheet HTML 18Page - Advanced Micro Devices AM79C981 Datasheet HTML 19Page - Advanced Micro Devices AM79C981 Datasheet HTML 20Page - Advanced Micro Devices AM79C981 Datasheet HTML 21Page - Advanced Micro Devices AM79C981 Datasheet HTML 22Page - Advanced Micro Devices AM79C981 Datasheet HTML 23Page - Advanced Micro Devices AM79C981 Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
AMD
PRELIMINARY
1–90
Am79C981
Am79C981
IMR+ Chip
XTAL
OSC
CK
D
Q
ASYNC
RESET
X1
X2
RST
STR
SO
CLR
CK
Q
Q
D
1/2 ’74
TCK
CK
SI
SIPO
CK
T
P
7
T
P
6
T
P
5
T
P
0
A
U
I
1/2 ’74
TCK
SCLK
SI
17306B-7
Register
TEST
Figure 3. Minimum Mode, Non-Intelligent Repeater Example
X1
CRS
(Note 2)
STR
CRS
AUI
CRS
TP0
CRS
TP1
CRS
TP2
CRS
TP3
CRS
TP4
CRS
TP5
CRS
TP6
CRS
TP7
CRS
AUI
TCK
(Note 1)
SO
(Note 3)
SO
AUI
SO
TP0
SO
TP1
SO
TP2
SO
TP3
SO
TP4
SO
TP5
SO
TP6
SO
TP7
SO
AUI
17306B-8
Notes:
1. Externally generated signal illustrates internal IMR+ chip clock phase relationship.
2. CRS timing with the C-bit cleared (IMR+ Chip Programmable Options)
3. For Minimum Hub Mode
Figure 4. Management Port Minimum Mode and
Port Activity Monitor Signal Relationship
Port Activity Monitor
Two pins, CRS and STR, are used to serially output the
state of the internal Carrier Sense signals from the AUI
and the eight TP ports. This function together with exter-
nal hardware and/or software can be used to monitor re-
peater receive and/or collision activity.
The following diagram shows typical external hardware
employed to convert the serial bit stream into parallel
form. The accuracy of the CRS signals is 10 Bit Times
(BT) (1
µs). Specifically, a transition to active state by
any of the internal carrier sense bits that lasts for less
than 10BT is latched internally and is used to set the ap-
propriate bit during the next sample period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com