Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C981 Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AM79C981
Description  Integrated Multiport Repeater Plus??(IMR??
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C981 Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AM79C981 Datasheet HTML 2Page - Advanced Micro Devices AM79C981 Datasheet HTML 3Page - Advanced Micro Devices AM79C981 Datasheet HTML 4Page - Advanced Micro Devices AM79C981 Datasheet HTML 5Page - Advanced Micro Devices AM79C981 Datasheet HTML 6Page - Advanced Micro Devices AM79C981 Datasheet HTML 7Page - Advanced Micro Devices AM79C981 Datasheet HTML 8Page - Advanced Micro Devices AM79C981 Datasheet HTML 9Page - Advanced Micro Devices AM79C981 Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
1–76
Am79C981
PRELIMINARY
PIN DESCRIPTION
ACK
Acknowledge
Input, Active LOW
When this input is asserted, it signals to the requesting
IMR+ device that it may control the DAT and JAM pins.
If the IMR+ chip is not requesting control of the DAT line
(REQ pin HIGH), then the assertion of the ACK signal
indicates the presence of valid collision status on the
JAM or valid data on the DAT line.
AV
DD
Analog Power
Power Pin
These pins supply the +5 V to the RXD+/– receivers,
the DI+/– and CI+/– receivers, the DO+/– drivers, the
internal PLL, and the internal voltage reference of the
IMR+ device. These power pins should be decoupled
and kept separate from other power and ground
planes.
AV
SS
Analog Ground
Ground Pin
These pins are the 0 V reference for AV
DD.
COL
Expansion Collision
Input, Active LOW
When this input is asserted by an external arbiter, it sig-
nifies that more than one IMR+ device is active and that
each IMR+ device should generate the Collision Jam
sequence independently.
CI+, CI–
Control In
Input
AUI port differential receiver. Signals comply with IEEE
802.3, Section 7.
CRS
Carrier Sense
Output
The states of the internal carrier sense signals for the
AUI port and the eight twisted-pair ports are serially
output on this pin continuously. The output serial bit
stream is synchronized to the X
1 clock.
DAT
Data
Input/Output/3-State
In non-collision conditions, the active IMR+ device will
drive DAT with NRZ data, including regenerated pre-
amble. During collision, when JAM = HIGH, DAT is
used to signal a multiport (DAT = 0) or single-port
(DAT = 1) condition.
When ACK is not asserted, DAT is in high impedance.
If REQ and ACK are both asserted, then DAT is an out-
put. If ACK is asserted and REQ not asserted, then
DAT is an input.
This pin needs to be either pulled up or pulled down
through a high-value resistor.
DI+, DI–
Data In
Input
AUI port differential receiver. Signals comply with IEEE
802.3, Section 7.
DO+, DO–
Data Out
Output
AUI port differential driver. Signals comply with IEEE
802.3, Section 7.
DV
DD
Digital Power
Power Pin
These pins supply +5 V to the logic portions of the
IMR+ chip and the TXP+/–, TXD+/–, and DO+/– line
drivers.
DV
SS
Digital Ground
Ground Pin
These pins are the 0 V reference for DV
DD.
JAM
Jam
Input/Output/3-State
When JAM is asserted, the state of DAT will indicate
either a multiport (DAT = 0) or single-port (DAT = 1) col-
lision condition.
When ACK is not asserted, JAM is in high impedance.
If REQ and ACK are both asserted, then JAM is an out-
put. If ACK is asserted and REQ not asserted, then
JAM is an input.
This pin needs to be either pulled up or pulled down
through a high-value resistor.
DV
DD Pin #
DV
SS Pin #
Function
19
16
TP ports 0 & 1 drivers
28
31
TP ports 2 & 3 drivers
43, 49
35, 37, 46, 51
Core logic and expansion
and control pins
59
56
TP ports 4 & 5 drivers
68
71
TP ports 6 & 7 drivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com