Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C981 Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM79C981
Description  Integrated Multiport Repeater Plus??(IMR??
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C981 Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM79C981 Datasheet HTML 8Page - Advanced Micro Devices AM79C981 Datasheet HTML 9Page - Advanced Micro Devices AM79C981 Datasheet HTML 10Page - Advanced Micro Devices AM79C981 Datasheet HTML 11Page - Advanced Micro Devices AM79C981 Datasheet HTML 12Page - Advanced Micro Devices AM79C981 Datasheet HTML 13Page - Advanced Micro Devices AM79C981 Datasheet HTML 14Page - Advanced Micro Devices AM79C981 Datasheet HTML 15Page - Advanced Micro Devices AM79C981 Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
AMD
PRELIMINARY
1–82
Am79C981
ARBITER
Am79C981
IMR+ Chip
1
ACK
COL
RST
X1
ACK
COL
RST
X1
DAT
JAM
REQ
DAT
JAM
ACK
COL
RST
X1
DAT
JAM
D FF
CK
Q
D
XTAL
OSC.
ASYNC
RESET
1/2 ’74
COL
ACK
ACK
REQ
REQ
REQ
Am79C981
IMR+ Chip
2
Am79C981
IMR+ Chip
3
Bus transceivers needed
if DAT and JAM buses
exceed 100 pF loading.
AB
DIR
Note 1
Note 1:
Direction
DIR
B
→ A
LOW
A
→ B
HIGH
17306B-5
REQ2 REQ3 REQ1
Figure 1. Multiple IMR+ Devices
Modular Repeater Design
The expansion port of the IMR+ chip also allows for
modular expansion. By sharing the arbitration duties be-
tween a backplane bus architecture and several sepa-
rate repeater modules one can build an expandable
repeater based on modular ‘plug-in’ cards. Each
repeater module performs the local arbitration function
for the IMR+ devices on that module, and provides sig-
nals to the backplane for use by a global arbiter.
For more detailed information, see AMD’s IEEE 802.3
Repeater Technical Manual, PID# 17314A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com