Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C981 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM79C981
Description  Integrated Multiport Repeater Plus??(IMR??
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C981 Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM79C981 Datasheet HTML 1Page - Advanced Micro Devices AM79C981 Datasheet HTML 2Page - Advanced Micro Devices AM79C981 Datasheet HTML 3Page - Advanced Micro Devices AM79C981 Datasheet HTML 4Page - Advanced Micro Devices AM79C981 Datasheet HTML 5Page - Advanced Micro Devices AM79C981 Datasheet HTML 6Page - Advanced Micro Devices AM79C981 Datasheet HTML 7Page - Advanced Micro Devices AM79C981 Datasheet HTML 8Page - Advanced Micro Devices AM79C981 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
PRELIMINARY
This document contains information on a product under development at Advanced Micro Devices. The
information is intended to help you evaluate this product. AMD reserves the right to change or discontinue
work on this proposed product without notice.
Publication# 17306
Rev: B Amendment/0
Issue Date: January 1999
1-71
Am79C981
Integrated Multiport Repeater Plus™ (IMR+™)
DISTINCTIVE CHARACTERISTICS
s Enhanced version of AMD’s Am79C980
Integrated Multiport Repeater™ (IMR™) chip
with the following enhancements:
— Additional management port features
— Minimum mode provides support for an extra
four LED outputs per port for additional status in
non-intelligent repeater designs
— Pin/socket-compatible with the Am79C980
IMR chip
— Fully backward-compatible with existing IMR
device designs
s Interfaces directly with the Am79C987 HIMIB™
device to build a fully managed multiport
repeater
s CMOS device features high integration and low
power with a single +5 V supply
s Repeater functions comply with IEEE 802.3
Repeater Unit specifications
s Eight integral 10BASE-T transceivers utilize the
required predistortion transmission technique
s Attachment unit interface (AUI) port allows
connectivity with 10BASE-5 (Ethernet) and
10BASE-2 (Cheapernet) networks, as well as
10BASE-F and/or Fiber Optic Inter-Repeater
Link (FOIRL) segments
s On-board PLL, Manchester encoder/decoder,
and FIFO
s Expandable to increase number of repeater
ports
s All ports can be separately isolated (partitioned)
in response to excessive collision conditions or
fault conditions
s Network management and optional features are
accessible through a dedicated serial
management port
s Twisted-pair Link Test capability conforming to
the 10BASE-T standard. The receive Link Test
function can be optionally disabled through the
management port to facilitate interoperability
with devices that do not implement the Link Test
function
s Programmable option of Automatic Polarity
Detection and Correction permits automatic
recovery due to wiring errors
s Full amplitude and timing regeneration for
retransmitted waveforms
s Preamble loss effects eliminated by deep FIFO
GENERAL DESCRIPTION
The Integrated Multiport Repeater Plus (IMR+) chip is a
VLSI circuit that provides a system-level solution to de-
signing a compliant 802.3 repeater incorporating
10BASE-T transceivers. The device integrates the
Repeater functions specified by Section 9 of the IEEE
802.3 standard and Twisted-Pair Transceiver functions
complying with the 10BASE-T standard. The Am79C981
provides eight integral twisted-pair medium attachment
units (MAUs) and an attachment unit interface (AUI) port
in an 84-pin plastic leaded chip carrier (PLCC).
A network based on the 10BASE-T standard uses un-
shielded twisted-pair cables, thereby providing an eco-
nomical solution to networking by allowing the use of
low-cost unshielded twisted-pair (UTP) cable or existing
telephone wiring.
The total number of ports per repeater unit can be in-
creased by connecting multiple IMR+ devices through
their expansion ports, minimizing the total cost per re-
peater port. Furthermore, a general-purpose attach-
ment unit interface (AUI) provides connection capability
to 10BASE-5 (Ethernet) and 10BASE-2 (Cheapernet)
coaxial networks, as well as 10BASE-F and/or Fiber
Optic Inter-Repeater Link (FOIRL) fiber segments. Net-
work management and test functions are provided
through TTL-compatible I/O pins.
The IMR+ device interfaces directly with AMD’s
Am79C987 Hardware Implemented Management In-
formation Base™ (HIMIB) chip to build a fully managed
multiport repeater as specified by the IEEE 802.3
(Layer Management for 10 Mb/s Baseband Repeaters)
standard. When the IMR+ and HIMIB devices are
interconnected, complete repeater and per-port statis-
tics are maintained and can be accessed on demand
using a simple 8-bit parallel interface.


Similar Part No. - AM79C981

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
AM79C981 PULSE-AM79C981 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - AM79C981

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C982 AMD-AM79C982 Datasheet
254Kb / 26P
basic Integrated Multiport Repeater (bIMR)
AM79C983A AMD-AM79C983A Datasheet
348Kb / 60P
Integrated Multiport Repeater 2 (IMR2??
AM79C984A AMD-AM79C984A Datasheet
222Kb / 44P
enhanced Integrated Multiport Repeater (eIMR??
AM79C985 AMD-AM79C985 Datasheet
260Kb / 48P
enhanced Integrated Multiport Repeater Plus (eIMR??
logo
List of Unclassifed Man...
TC3097F-5 ETC-TC3097F-5 Datasheet
665Kb / 34P
LITE END MULTIPORT REPEATER INTERFACE CONTROLLER - OCF
TC3097-8 ETC-TC3097-8 Datasheet
641Kb / 36P
LITE END MULTIPORT REPEATER INTERFACE CONTROLLER
TC3097F-8 ETC-TC3097F-8 Datasheet
671Kb / 34P
LITE END MULTIPORT REPEATER INTERFACE CONTROLLER - OCF
TC3097-8 ETC2-TC3097-8 Datasheet
862Kb / 35P
Lite End Multiport Repeater Interface Controller
logo
Level One
POR-0220 LVL1-POR-0220 Datasheet
446Kb / 3P
Gigabit PoE-Plus Repeater
POR-1220 LVL1-POR-1220 Datasheet
1Mb / 3P
Outdoor Gigabit PoE-Plus Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com