Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C981 Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AM79C981
Description  Integrated Multiport Repeater Plus??(IMR??
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C981 Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AM79C981 Datasheet HTML 14Page - Advanced Micro Devices AM79C981 Datasheet HTML 15Page - Advanced Micro Devices AM79C981 Datasheet HTML 16Page - Advanced Micro Devices AM79C981 Datasheet HTML 17Page - Advanced Micro Devices AM79C981 Datasheet HTML 18Page - Advanced Micro Devices AM79C981 Datasheet HTML 19Page - Advanced Micro Devices AM79C981 Datasheet HTML 20Page - Advanced Micro Devices AM79C981 Datasheet HTML 21Page - Advanced Micro Devices AM79C981 Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
AMD
PRELIMINARY
1–88
Am79C981
P Partitioning Status. This bit is 0 if the AUI port is
partitioned and 1 if connected.
B Bit Rate Error. This bit is set to 1 if there has been
an instance of FIFO Overflow or Underflow,
caused by data received at the AUI port. This bit is
cleared when the status is read.
S SQE Test Status. This bit is set to 1 if SQE Test is
detected by the IMR+ chip. This bit is cleared
when the status is read. A MAU attached to a re-
peater must have SQE Test disabled. This bit is
set even if the AUI port is disabled or partitioned.
L Loop Back Error. The MAU attached to the AUI is
required to loopback data transmitted to DO onto
the DI circuit. If loopback carrier is not detected by
the IMR+ device, then this bit is set to 1 to report
this condition. This bit is cleared when the status is
read. For a repeater this is the only indication of a
broken or missing MAU.
Alternate AUI Port Status
SI data:
10001111
SO data:
PBSL0000
There are three further variations of the above com-
mand, allowing selective clearing of a combination of B,
S, and L bits. They are primarily included for use by the
HIMIB chip. These are:
Alternative 1.
SI data:
10001011
SO data:
PBSL0000
B is not cleared. S and L are cleared.
Alternative 2.
SI data:
10001101
SO data:
PBSL0000
S and L are not cleared. B is cleared.
Alternative 3.
SI data:
10001001
SO data:
PBSL0000
None of S, B and L are cleared.
TP Port Partitioning Status
SI data:
10000000
SO data:
P7.................P0
Pn = 0
TP port n partitioned
Pn = 1
TP port n connected
The partitioning Status of all eight TP ports are ac-
cessed by this command. If a port is disabled, reading it
partitioning status will indicate that it is connected.
Bit Rate Error Status of TP Ports
SI data:
10100000
SO data:
E7...............E0
This allows a single command to be used to report Bit
Rate Error condition (FIFO Overflow or Underflow) of all
Twisted Pair ports. The 8 bits of the output pattern corre-
spond to each of the 8 TP ports, with least significant bit
corresponding to port 0.
The status bit for a port is set to 1 if there has been an
instance when data received from that port has caused
a FIFO error.
All status bits stay set until the status is read.
Link Test Status of TP Ports
SI data:
11010000
SO data:
L7...............L0
Ln = 0
TP Port n in Link Test Fail
Ln = 1
TP Port n in Link Test Pass
The Link Test Status of all eight TP ports are accessed
by this command. A disabled port continues to report
correct Link Test Status. Re-enabling a disabled port
causes the port to be placed into Link Test Fail state.
This ensures that packet fragments received on the port
are not repeated to the rest of the network.
Receive Polarity Status of TP Ports
SI data:
11100000
SO data:
P7...............P0
Pn = 0
TP Port n Polarity Correct
Pn = 1
TP Port n Polarity Reversed
The statuses of all eight TP port polarities are accessed
with this command. The IMR+ chip has the ability to de-
tect and correct reversed polarity on the TP ports’
RXD+/– pins. If the polarity is detected as reversed for a
TP port, then the IMR+ chip will set the appropriate bit in
this command’s result byte only if the Polarity Reversal
Function is enabled for that port.
MJLP Status
SI data:
11110000
SO data:
M00000000
Each IMR+ chip contains an independent MAU Jabber
Lock Up Protection Timer. The timer is designed to in-
hibit the IMR+ device transmit function, if it has been
transmitting continuously for more than 65536 Bit
Times. The MJLP Status bit (M) is set to 1 if this
happens. This bit remains set and is only cleared when
the MJLP status is read by using this command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com