Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C981 Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # AM79C981
Description  Integrated Multiport Repeater Plus??(IMR??
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C981 Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button AM79C981 Datasheet HTML 18Page - Advanced Micro Devices AM79C981 Datasheet HTML 19Page - Advanced Micro Devices AM79C981 Datasheet HTML 20Page - Advanced Micro Devices AM79C981 Datasheet HTML 21Page - Advanced Micro Devices AM79C981 Datasheet HTML 22Page - Advanced Micro Devices AM79C981 Datasheet HTML 23Page - Advanced Micro Devices AM79C981 Datasheet HTML 24Page - Advanced Micro Devices AM79C981 Datasheet HTML 25Page - Advanced Micro Devices AM79C981 Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
AMD
PRELIMINARY
1–92
Am79C981
Loopback Test Mode
The IMR+ chip can be programmed to enter Loopback
Mode on all network ports. This is accomplished by first
driving the TEST pin HIGH, then clocking (using the
SCLK pin) a minimum of three 0s into the SI pin. This
causes the IMR+ chip to loop all received data on each
port back to each port’s corresponding transmit outputs.
Specifically, the AUI DI input is passed unaltered to the
AUI DO output, and each RXD input on the twisted pair
ports is passed (unaltered) to the respective TXD and
TXP outputs. Only receive data that passes the required
amplitude squelch criteria is looped back to the transmit
outputs. Note that the data is looped back unaltered,
meaning that no signal retiming or regeneration takes
place. Therefore, any signal distortion present on the re-
ceive data paths will be retransmitted.
In Minimum Mode, the Loopback Test Mode cannot be
accessed. The IMR+ device will return to normal opera-
tion when the TEST pin is again driven LOW.
TEST
SI
SCLK
17306B-11
Figure 6. Programming the IMR+ Device for Loopback Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com