Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C981 Datasheet(PDF) 27 Page - Advanced Micro Devices

Part # AM79C981
Description  Integrated Multiport Repeater Plus??(IMR??
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C981 Datasheet(HTML) 27 Page - Advanced Micro Devices

Back Button AM79C981 Datasheet HTML 23Page - Advanced Micro Devices AM79C981 Datasheet HTML 24Page - Advanced Micro Devices AM79C981 Datasheet HTML 25Page - Advanced Micro Devices AM79C981 Datasheet HTML 26Page - Advanced Micro Devices AM79C981 Datasheet HTML 27Page - Advanced Micro Devices AM79C981 Datasheet HTML 28Page - Advanced Micro Devices AM79C981 Datasheet HTML 29Page - Advanced Micro Devices AM79C981 Datasheet HTML 30Page - Advanced Micro Devices AM79C981 Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
AMD
PRELIMINARY
1–97
Am79C981
SWITCHING CHARACTERISTICS over operating ranges unless otherwise specified
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Clock and Reset
tX1
X1 Clock Period
49.995
50.005
ns
tX1H
X1 Clock HIGH
20
30
ns
tX1L
X1 Clock LOW
20
30
ns
tX1R
X1 Clock Rise Time
–
10
ns
tX1F
X1 Clock Fall Time
–
10
ns
tPRST
Reset pulse width after power on
150
–
µs
(
RST pin LOW)
tRST
Reset pulse width
4
–
µs
(
RST pin LOW)
tRSTSET
RST HIGH setup time with
20
–
ns
respect to X1 Clock
tRSTHLD
RST LOW hold time with
0
–
ns
respect to X1 Clock
Management Port
tSCLK
SCLK Clock Period
100
–
ns
tSCLKH
SCLK Clock HIGH
30
–
ns
tSCLKL
SCLK Clock LOW
30
–
ns
tSCLKR
SCLK Clock Rise Time
–
10
ns
tSCLKF
SCLK Clock Fall Time
–
10
ns
tSISET
SI input setup time with respect to SCLK
10
–
ns
rising edge
tSIHLD
SI input hold time with
10
–
ns
respect to SCLK rising edge
tSODLY
SO output delay with
CL = 100 pF
–
40
ns
respect to SCLK rising edge
tX1HCRS
X1 rising edge to CRS valid
CL = 100 pF
5
40
ns
tX1HSTH
X1 rising edge to STR HIGH
CL = 100 pF
–
40
ns
tX1HSTL
X1 rising edge to STR LOW
CL = 100 pF
–
40
ns
tTESTSET
TEST input setup time with respect to
10
–
ns
SCLK rising edge
tTESTHLD
TEST input hold time with respect to
10
–
ns
SCLK rising edge
tSTRSET
STR setup time
5
–
ns
tSTRHLD
STR hold time
12
–
ns
Expansion Port
tX1HRL
X1 rising edge to
REQ driven LOW
CL = 100 pF
14
40
ns
tX1HRH
X1 rising edge to
REQ driven HIGH
CL = 100 pF
14
40
ns
tX1HDR
X1 rising edge to DAT/JAM driven
CL = 100 pF
14
40
ns
tX1HDZ
X1 rising edge to DAT/JAM not driven
CL = 100 pF
14
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com