Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C981 Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # AM79C981
Description  Integrated Multiport Repeater Plus??(IMR??
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C981 Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button AM79C981 Datasheet HTML 13Page - Advanced Micro Devices AM79C981 Datasheet HTML 14Page - Advanced Micro Devices AM79C981 Datasheet HTML 15Page - Advanced Micro Devices AM79C981 Datasheet HTML 16Page - Advanced Micro Devices AM79C981 Datasheet HTML 17Page - Advanced Micro Devices AM79C981 Datasheet HTML 18Page - Advanced Micro Devices AM79C981 Datasheet HTML 19Page - Advanced Micro Devices AM79C981 Datasheet HTML 20Page - Advanced Micro Devices AM79C981 Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
AMD
PRELIMINARY
1–87
Am79C981
AUI Port Enable
SI data:
00111111
SO data:
None
This command enables a previously disabled AUI port.
Note that a partitioned AUI port may be reconnected by
first disabling (AUI Port Disable Command) and then re-
enabling the port with this command.
All ports are enabled upon reset.
TP Port Disable
SI data:
00100###
SO data:
None
(### is TP port number)
The TP port designated in the command byte will be dis-
abled upon receiving this command. Subsequently, the
IMR+ device will ignore all inputs appearing at the dis-
abled port’s receive pins and will not transmit any data or
JAM Sequence on that port’s transmit pins. Issuing this
command will also cause a TP port to have its partition-
ing state machine returned to its Idle State (Port Recon-
nected).
Therefore,
a
partitioned
port
may
be
reconnected by first disabling and then re-enabling the
port. The disabled port will continue to report correct
Link Test Status.
TP Port Enable
SI data:
00110###
SO data:
None
(### is TP port number)
This command enables a previously disabled TP port.
Re-enabling a disabled port causes the port to be placed
into Link Test Fail state. This ensures that packet frag-
ments received on the port are not repeated to the rest of
the network. Note that to force a TP port into the Link Fail
state and/or to reconnect a partitioned TP port, the port
should first be disabled (TP Port Disable Command)
and then re-enabled with this command. All ports are
enabled upon reset.
Disable Link Test Function of a TP Port
SI data:
01000###
SO data:
None
(### is TP port number)
This command disables the Link Test Function at the TP
port designated in the command byte, i.e., the TP port
will no longer be disconnected due to Link Fail. A TP port
which has its Link Test Function disabled will continue to
transmit Link Test Pulses. If a twisted pair port has Link
Test disabled, then reading the Link Test Status indi-
cates it being in Link Test Pass.
Enable Link Test Function of a TP Port
SI data:
01010###
SO data:
None
(### is TP port number)
This command re-enables the Link Test Function in the
TP port designated in the command byte. This com-
mand executes only if the designated TP port has had
the Link Test Function disabled by the Disable Link Test
Function command. Otherwise, the command is ig-
nored. Link Test is enabled upon reset.
Disable Automatic Receiver Polarity Reversal
SI data:
01100###
SO data:
None
(### is TP port number)
This command disables the Automatic Receiver Polarity
Reversal Function for the TP port designated in the
command byte. If this function is disabled on a TP port
with reverse polarity (due to a wiring error), then the TP
port will fail Link Test due to the reversed polarity of the
Link Pulses. If the Link Test Function is also disabled on
the TP port, then the received reversed polarity packets
would be repeated to all other network ports in the IMR+
chip as inverted data. Automatic Polarity reversal is dis-
abled upon reset.
Enable Automatic Receiver Polarity Reversal
SI data:
01110###
SO data:
None
(### is TP port number)
This command enables the Automatic Receiver Polarity
Reversal Function for the TP port designated in the
command byte. If enabled in a TP port, the IMR+ chip
will automatically invert the polarity of that TP port’s re-
ceiver circuitry if the TP port is detected as having
reversed polarity (due to a wiring error). After reversing
the receiver polarity, the TP port could then receive sub-
sequent (reverse polarity) packets correctly.
GET (Read) Opcodes
AUI Port Status
SI data:
10001111
SO data:
PBSL0000
The combined AUI status allows a single instruction to
be used for monitoring AUI port. The four status bits re-
ported are:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com