Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C981 Datasheet(PDF) 26 Page - Advanced Micro Devices

Part # AM79C981
Description  Integrated Multiport Repeater Plus??(IMR??
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C981 Datasheet(HTML) 26 Page - Advanced Micro Devices

Back Button AM79C981 Datasheet HTML 22Page - Advanced Micro Devices AM79C981 Datasheet HTML 23Page - Advanced Micro Devices AM79C981 Datasheet HTML 24Page - Advanced Micro Devices AM79C981 Datasheet HTML 25Page - Advanced Micro Devices AM79C981 Datasheet HTML 26Page - Advanced Micro Devices AM79C981 Datasheet HTML 27Page - Advanced Micro Devices AM79C981 Datasheet HTML 28Page - Advanced Micro Devices AM79C981 Datasheet HTML 29Page - Advanced Micro Devices AM79C981 Datasheet HTML 30Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
AMD
PRELIMINARY
1–96
Am79C981
DC CHARACTERISTICS (continued)
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Twisted Pair Ports
IIRXD
Input current at RXD+/-
AVSS<VIN<AVDD
–500
+500
µA
RRXD
RXD differential input resistance
(Note 1)
10
–
K
Ω
VTIVB
RXD+,RXD- open circuit input
IIN = 0 mA
AVDD–3.0
AVDD–1.5
V
voltage (bias)
VTID
Differential Mode input voltage
AVDD = 5.0 V
–3.1
+3.1
V
range (RXD)
VTSQ+
RXD positive squelch threshold
Sinusoid 5 MHz <f< 10 MHz
300
520
mV
(peak)
VTSQ-
RXD negative squelch threshold
Sinusoid 5 MHz <f< 10 MHz
–520
–300
mV
(peak)
VTHS+
RXD post-squelch positive threshold
Sinusoid 5 MHz <f< 10 MHz
150
293
mV
(peak)
VTHS-
RXD post-squelch negative threshold
Sinusoid 5 MHz <f< 10 MHz
–293
–150
mV
(peak)
VRXDTH
RXD switching threshold
(Note 1)
–60
+60
mV
VTXH
TXD+/- and TXP+/- output
DVSS = 0 V
DVDD–0.6
DVDD
V
HIGH voltage
(Note 2)
VTXL
TXD+/- and TXP+/- output
DVDD = 5 V
DVSS
DVSS+0.6
V
LOW voltage
(Note 2)
VTXI
TXD+/- and TXP+/- differential
–40
+40
mV
output voltage imbalance
VTXOFF
TXD+/- and TXP+/- differential
DVDD = 5 V
–
40
mV
idle output voltage
RTXD
TXD+/- differential driver
(Note 1)
–
40
Ω
output impedance
RTXP
TXP+/- differential driver
(Note 1)
–
80
Ω
output impedance
Power Supply Current
IDD
Power supply current (idle)
fX1 = 20 MHz
–
180
mA
Power supply current (transmitting
fX1 = 20 MHz
–
300
mA
– no TP load)
Power supply current (transmitting
fX1 = 20 MHz
–
(Note 8)
mA
– with TP load)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com