Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C981 Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM79C981
Description  Integrated Multiport Repeater Plus??(IMR??
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C981 Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM79C981 Datasheet HTML 3Page - Advanced Micro Devices AM79C981 Datasheet HTML 4Page - Advanced Micro Devices AM79C981 Datasheet HTML 5Page - Advanced Micro Devices AM79C981 Datasheet HTML 6Page - Advanced Micro Devices AM79C981 Datasheet HTML 7Page - Advanced Micro Devices AM79C981 Datasheet HTML 8Page - Advanced Micro Devices AM79C981 Datasheet HTML 9Page - Advanced Micro Devices AM79C981 Datasheet HTML 10Page - Advanced Micro Devices AM79C981 Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Am79C981
1–77
PRELIMINARY
REQ
Request
Output, Active LOW
This pin is driven LOW when the IMR+ chip is active.
An IMR+ chip is active when it has one or more ports
receiving or colliding or is in the state where it is still
transmitting data from the internal FIFO. The assertion
of this signal signifies that the IMR+ device is request-
ing the use of the DAT and JAM lines for the transfer of
repeated data or collision status to other IMR+ devices.
RST
Reset
Input, Active LOW
Driving this pin LOW resets the internal logic of the
IMR+ device. Reset should be synchronized to the X
1
clock if either expansion or port activity monitor is used.
RXD+
0–7, RXD–0–7
Receive Data
Input
10BASE-T port differential receive inputs (8 ports).
SCLK
Serial Clock
Input
In normal operating mode, serial data (input or output)
is clocked (in or out) on the rising edge of the signal on
this pin. SCLK is asynchronous to X
1 and can operate
up to 10 MHz. In Minimum mode, this pin, together with
the SI pin, controls which information is output on the
SO pin.
SI
Serial In
Input
In normal operating mode, the SI pin is used for test/
management serial input port. Management com-
mands are clocked in on this pin synchronous to the
SCLK input. In Minimum mode, this pin, together with
the SCLK pin, controls which information is output on
the SO pin.
In Minimum mode, the state of SI at the deassertion of
RST signal determines the programming of automatic
polarity detection/correction for 10BASE-T ports.
SO
Serial Out
Output
In normal operating mode, the SO pin is used for test/
management serial output port. Management results
are clocked out on this pin synchronous to the SCLK
input. In Minimum mode, the SO pin is used to serially
output the various status information based on the
state of the SI and SCLK pins.
STR
Store
Input/Output
As an output, this pin goes HIGH for two X
1 clock cycle
times after the nine carrier sense bits are output on the
CRS pin. Note that the carrier sense signals arriving
from each port are latched internally, so that an active
transition is remembered between samples. The accu-
racy of the carrier sense signals produced in this man-
ner is 10 bit times (1
µs).
When used in conjunction with the HIMIB device, the
STR pin will be configured as an input automatically
after a hardware reset. The HIMIB device uses this
input to communicate with the IMR+ device. When
used with the HIMIB chip, this pin must be pulled up via
a high-value resistor.
TEST
Test Pin
Input, Active HIGH
This pin should be tied LOW for normal operation. If
this pin is driven HIGH, then the IMR+ device can be
programmed for Loopback Test mode. Also, if this pin is
HIGH when the RST pin is deasserted, the IMR+ de-
vice will enter the Minimum mode. An inverted version
of the RST signal can be used to program the device
into the Minimum mode.
SCLK
SI
SO Output
0
0
TP Ports Receive Polarity Status + AUI
SQE Test Error Status
0
1
Bit Rate Error (all ports)
1
0
TP Ports Link Status + AUI Loopback
Status
1
1
Port Partitioning Status (all ports)
Test
SI
Functions
0
0
Normal Management Mode
0
1
Normal Management Mode
1
0
Minimum Mode, Receive Polarity
Correction Disabled
1
1
Minimum Mode, Receive Polarity
Correction Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com