Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C981 Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AM79C981
Description  Integrated Multiport Repeater Plus??(IMR??
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C981 Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AM79C981 Datasheet HTML 11Page - Advanced Micro Devices AM79C981 Datasheet HTML 12Page - Advanced Micro Devices AM79C981 Datasheet HTML 13Page - Advanced Micro Devices AM79C981 Datasheet HTML 14Page - Advanced Micro Devices AM79C981 Datasheet HTML 15Page - Advanced Micro Devices AM79C981 Datasheet HTML 16Page - Advanced Micro Devices AM79C981 Datasheet HTML 17Page - Advanced Micro Devices AM79C981 Datasheet HTML 18Page - Advanced Micro Devices AM79C981 Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
AMD
PRELIMINARY
1–85
Am79C981
Table 2. Management Port Command Summary
Commands
SI Data
SO Data
Set (Write) Opcodes
IMR+ Chip Programmable Options
0000 1CSA
Alternate AUI Partitioning Algorithm
0001 1111
Alternate TP Partitioning Algorithm
0001 0000
AUI Port Disable
0010 1111
AUI Port Enable
0011 1111
TP Port Disable
0010 0###
TP Port Enable
0011 0###
Disable Link Test Function (per TP port)
0100 0###
Enable Link Test Function (per TP port)
0101 0###
Disable Automatic Receiver Polarity Reversal (per TP port)
0110 0###
Enable Automatic Receiver Polarity Reversal (per TP port)
0111 0###
Get (Read) Opcodes
AUI Port Status (B, S, L Cleared)
1000 1111
PBSL 0000
TP Port Partitioning Status
1000 0000
C7...C0
Bit Rate Status of TP ports
1010 0000
E7...E0
Link Test Status of TP ports
1101 0000
L7...L0
Receive Polarity Status of all TP ports
1110 0000
P7...P0
MJLP Status
1111 0000
M000 0000
Version
1111 1111
XXXX 0001
AUI Port Status (S, L Cleared)
1000 1011
PBSL 0000
AUI Port Status (B Cleared)
1000 1101
PBSL 0000
AUI Port Status (None Cleared)
1000 1001
PBSL 0000
Notes:
1. Unused opcodes are reserved for future use.
2. ### is the port number (000 to 111 for TP0 to TP7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com