Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C981 Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AM79C981
Description  Integrated Multiport Repeater Plus??(IMR??
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C981 Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM79C981 Datasheet HTML 4Page - Advanced Micro Devices AM79C981 Datasheet HTML 5Page - Advanced Micro Devices AM79C981 Datasheet HTML 6Page - Advanced Micro Devices AM79C981 Datasheet HTML 7Page - Advanced Micro Devices AM79C981 Datasheet HTML 8Page - Advanced Micro Devices AM79C981 Datasheet HTML 9Page - Advanced Micro Devices AM79C981 Datasheet HTML 10Page - Advanced Micro Devices AM79C981 Datasheet HTML 11Page - Advanced Micro Devices AM79C981 Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
1–78
Am79C981
PRELIMINARY
TXD+
0–7, TXD–0–7
Transmit Data
Output
10BASE-T port differential drivers (8 ports).
TXP+
0–7, TXP–0–7
Transmit Predistortion
Output
10BASE-T transmit waveform predistortion control
differential outputs (8 ports).
X
1
Crystal 1
Crystal Connection
The internal clock generator uses a 20 MHz crystal at-
tached to pins X
1 and X2. Alternatively, an external
20MHz CMOS clock signal can be used to drive this
pin.
X
2
Crystal 2
Crystal Connection
The internal clock generator uses a 20 MHz crystal at-
tached to pins X
1 and X2. If an external clock source is
used, this pin should be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com