Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C981 Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM79C981
Description  Integrated Multiport Repeater Plus??(IMR??
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C981 Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM79C981 Datasheet HTML 9Page - Advanced Micro Devices AM79C981 Datasheet HTML 10Page - Advanced Micro Devices AM79C981 Datasheet HTML 11Page - Advanced Micro Devices AM79C981 Datasheet HTML 12Page - Advanced Micro Devices AM79C981 Datasheet HTML 13Page - Advanced Micro Devices AM79C981 Datasheet HTML 14Page - Advanced Micro Devices AM79C981 Datasheet HTML 15Page - Advanced Micro Devices AM79C981 Datasheet HTML 16Page - Advanced Micro Devices AM79C981 Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
AMD
PRELIMINARY
1–83
Am79C981
Repeater MAC Interconnection
Because all repeated data in the IMR+ chip or multi-
IMR+ chip design is available on the Expansion Port, all
network traffic can be monitored by an external Media
Access Controller (MAC) device such as the Am7990,
Am79C900, Am79C940, or Am79C960. A repeater with
such a controller is capable of providing extensive hub
management functions, as well as being addressable as
a network node. The MAC device can gather statistics
and data concerning the state of the hub and the
network, and the network addressability allows a remote
management station to monitor this statistical data and
to request actions to be performed by the repeater (i.e.
port enable/disable).
Figure 2 shows how to interface a repeater based on
multiple IMR+ devices to an Ethernet controller such as
the Am79C900 ILACC or the Am7990 LANCE. For more
information on this design, refer to AMD’s IEEE 802.3
Repeater Technical Manual, PID# 17314A.
Am7990 LANCE
Am79C900 ILACC
Am79C940 MACE
or
Am79C960 PCnet-ISA
IMR+1
RST
X1
IMR+2
RST
X1
ARST
DONE_COUNT
NEW96
TCK
IMR+n
RST
X1
RCKEN
NEW96
DONE_COUNT
CDT
CDT
ACKCLK
Q0
Q1
Q2
Q3
Q4
Q5
Q6
RTSCLK
Arbiter
PALCE16V8
Interface
PALCE16V8
Counter
PALCE22V10
20 MHz Osc.
14396C-033A
17306B-6
Figure 2. Expandable Modular Repeater



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com