Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM85C30 Datasheet(PDF) 163 Page - Advanced Micro Devices

Part # AM85C30
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 163 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 159Page - Advanced Micro Devices AM85C30 Datasheet HTML 160Page - Advanced Micro Devices AM85C30 Datasheet HTML 161Page - Advanced Micro Devices AM85C30 Datasheet HTML 162Page - Advanced Micro Devices AM85C30 Datasheet HTML 163Page - Advanced Micro Devices AM85C30 Datasheet HTML 164Page - Advanced Micro Devices AM85C30 Datasheet HTML 165Page - Advanced Micro Devices AM85C30 Datasheet HTML 166Page - Advanced Micro Devices AM85C30 Datasheet HTML 167Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 194 page
background image
SCC Application Notes
AMD
7–14
7.3.4
Interrupt Routine
When the SCC has been initialized and enabled, it is ready for communication. The trans-
mitter buffer and the receive FIFO are both empty. An interrupt will not be generated until
the software writes the first character to the transmit buffer. Once the first character is in
the SCC shift register, the first transmit interrupt will occur. The SCC then continues to
issue interrupts to the interrupt controller until the end of the message. At the end of the
message, a Reset Transmitter Interrupt Pending (WR0) is issued to clear the transmit
interrupt. After the last character is read into the SCC, the interrupts will cease until an-
other message is written into the transmitter.
Once an interrupt is received and the interrupt controller vectors to the interrupt routine,
RR2 is read from channel B. The value read from RR2 is the vector, including status. This
vector shows the status of the highest priority interrupt pending (IP) at the time it is read.
Once the highest priority interrupt condition is cleared, RR2 will show the status of the
next highest interrupt pending, if one is present. This allows multiple interrupts to be serv-
iced without the overhead of the interrupt acknowledge cycle of the interrupt controller.
MIE is disabled and then enabled to guarantee an edge for an edge-sensitive interrupt
controller.
The following example shows how the interrupt routine should be coded.
BEGIN:
INPUT
RR2
;Read RR2 from channel B
TEST
Bit 4
;Test for Tx Empty
JE
TXEMPTY
;Jump to Transmit Routine
TEST
Bit 5
;Test for Rx full
JUMP
RXFULL
;Jump to Receive Routine
OUT
WR9 00
;MIE Disabled
OUT
EOI
;Output EOI to Interrupt Controller
IRET
;Return to Main
;
;
TXEMPTY:
TEST
NOMORE
;Test a last character flag
JE
LAST
;Jump to LAST if no more characters
OUTPUT
CHAR
;Output character to data port
DEC
CHARCOUNT
;Decrement character count
JUMP
BEGIN
;Jump to BEGIN to test for more IP
;
LAST:
OUTPUT
RR0,28H
;Reset Tx Interrupt Pending
JUMP
BEGIN
;Jump to BEGIN to test for more IP
;
;
RXFULL:
INPUT
RR1
;Read RR1
COMPARE RR1,00
;Test for special condition bit set
JUMP
NE
;Jump to SPECIAL
INPUT
CHAR
;Input charcater from data port
JUMP
BEGIN
;Jump to BEGIN to test for more IP
;
SPECIAL;
.
.
This means a framing error, receive overrun error or parity error
has occurred. Character may be read but data is not correct.
A flag should be set to post the error.
.
.
OUTPUT RR0, 30H
;Reset Error Command
JUMP BEGIN
;Jump to BEGIN to test for more IP
Figure 7–5. SCC Interrupt Routine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com