Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM85C30 Datasheet(PDF) 164 Page - Advanced Micro Devices

Part # AM85C30
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 164 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 160Page - Advanced Micro Devices AM85C30 Datasheet HTML 161Page - Advanced Micro Devices AM85C30 Datasheet HTML 162Page - Advanced Micro Devices AM85C30 Datasheet HTML 163Page - Advanced Micro Devices AM85C30 Datasheet HTML 164Page - Advanced Micro Devices AM85C30 Datasheet HTML 165Page - Advanced Micro Devices AM85C30 Datasheet HTML 166Page - Advanced Micro Devices AM85C30 Datasheet HTML 167Page - Advanced Micro Devices AM85C30 Datasheet HTML 168Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 194 page
background image
SCC Application Notes
AMD
7–15
7.4
INTERFACING TO THE 8086/80186
7.4.1
8086 (Also Called iAPX 86) Overview
The 8086 is a general purpose 16-bit microprocessor CPU. The CPU has a 16 bit data
bus multiplexed with sixteen address outputs. There are four additional address lines
(segment addresses which are multiplexed with STATUS) that increase the memory
range to 1 Mbyte. The 8086 addresses are specified as bytes. In a 16 bit word, the least
significant byte has the higher address. This is compatible with 8080, 8085, Z80 and
PDP11 addressing schemes but differs from the Z8000 and 68000 addressing.
The data bus is “asynchronous;” i.e, the CPU machine cycle can be stretched without
clock manipulation by inserting Wait states between T2 and T3 of a read or write cycle to
accommodate slower memory or peripherals. Unlike the 68000, the 8086 has separate
address spaces for I/O (64 kBytes).
The 8086 can operate in MIN. or MAX. mode. Maximum mode offloads certain bus con-
trol functions to a peripheral device and allows the CPU to operate efficiently in a co-proc-
essor environment. A brief discussion on both the MIN. and the MAX. modes follows.
MIN. mode:
I/O addressing is define by a High or the IO/M output, and activated by
the RD output for reading from memory, or I/O or activated by the WR
output for writing to memory or I/O.
DMA:
The Bus is requested by activating the HOLD input to the 8086. Bus
Grant is confirmed by the HLDA output from the 8086.
MAX. mode:
I/O operation is controlled by two outputs from the 8288.
(8086 plus
IORC: active during Read from I/O
8288)
IOWC: active during Write to I/O
MRDC: active during Read from memory
MWTC: active during Write to memory
DMA:
The Bus is requested and Bus Grant is acknowledged on the same pin
(
RQ/GT0 OR RQ/GT1) through a pulsed handshake.
Interrupts In MIN. and MAX. Modes:
Interrupt is requested by activating the INTR or NMI inputs to the 8086.
Interrupt is acknowledged by the
INTA pin on a MIN. mode 8086 or by the INTA pin on
the 8288 in MAX. mode.
Note: There is no
RD or IORC during the interrupt acknowledge sequence.
7.4.1.1
The 8086 and Am8530H Interface
Most common systems demultiplex address and data. The Am8530H is compatible with
these systems.
Interface between the 8086 and the Am8530H peripheral device shows how to take ad-
vantage of its interrupt structure as shown in Figure 7–6.
INTACK is generated by the
8086’s first
INTA pulse. This allows about 800 nsec for the interrupt daisy chain to settle.
The second
INTA pulse is then gated to the RD pin which places the vector on the bus. At
8 MHz, two Wait States must be inserted. This design is the same when interfacing to the
186. It requires no additional Wait States. Diagrams in Figure 7–7 show the connections
for 74LS74 in both 5 MHz and 8 MHz operations of the 8086. Figure 7–8 is an alternate
implementation which can be used in place of the logic in the dotted area in Figure 7–6.
Note that the falling edge of
WR must be delayed to meet data setup time requirements.
A Wait State must be inserted (not shown) to meet pulse width requirements during a
write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com