Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM85C30 Datasheet(PDF) 168 Page - Advanced Micro Devices

Part # AM85C30
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 168 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 164Page - Advanced Micro Devices AM85C30 Datasheet HTML 165Page - Advanced Micro Devices AM85C30 Datasheet HTML 166Page - Advanced Micro Devices AM85C30 Datasheet HTML 167Page - Advanced Micro Devices AM85C30 Datasheet HTML 168Page - Advanced Micro Devices AM85C30 Datasheet HTML 169Page - Advanced Micro Devices AM85C30 Datasheet HTML 170Page - Advanced Micro Devices AM85C30 Datasheet HTML 171Page - Advanced Micro Devices AM85C30 Datasheet HTML 172Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 194 page
background image
SCC Application Notes
7-19
AMD
/*********************************************************************
/*
Initializing the Z8530 asynchronuously
/*
(using pointer referring to memory map I/O device)
/**************************************************************************
#include
"stdio.h"
#define
spaddress
0x22FS5
/* status port address */
#define
dpaddress
0x22F87
/* dataport address */
#define
rxbit
2
/* receive ready bit */
#define
txbit
1
/* transmit ready bit */
#define
tablesize
16
main ()
{
unsigned char table[tablesize];
unsigned long *ptspa, *ptdpa;
unsigned char value;
int i;
/* data table for initialization */
table[0]=0x9;
/* address WR9 */
table[l]=0xC0;
/* hardware reset SCC */
table[2]=0x3;
/* address WR3 */
table[3]=0x41;
/* set # of bits etc. */
table[4]=0x4;
/* address WR4 */
table[5]=0x4C;
/* misc mode */
table[6]=0x5;
/* address WR5 */
table[7]=0x28;
/* bits/char and TXEN */
table[8]=0xB.
/* address WRIi */
table[9]=0x56;
/* select baud generator */
table[l0]=0xC;
/* address WR12 */
table[ll]=0xC;
/* upper TC */
table[l2]=0xD;
/* address WR13 */
table[13]=0;
/* lower TC */
table[l4]=0xE;
/* address WR14 */
table[l5]=0x7;
/* set DTR/REQ enable baud generator */
/* output data from table to perfore initialization */
ptspa=spaddress;
/* pointer to status port address */
ptdpa=dpaddress;
/* pointer to data port address */
value=*ptspa;
/* read status to set the set state machine */
for (i--0; i<tablesize; i++)
/* perform initialization */
*ptspa=table[i];
/* receive and echo character routine */
for (
;;)
{
while (((*ptspa) & rxbit) == 0);
/* wait for receive ready bit */
value=*ptdpa;
/* receive character */
while (((*ptspa) & txbit) == 0);
/* wait for transmit ready bit */
*ptdpa--value'
/* transmit character */
Figure 7-10. SCC Initialization - Memory Mapped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com