Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM85C30 Datasheet(PDF) 171 Page - Advanced Micro Devices

Part # AM85C30
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 171 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 167Page - Advanced Micro Devices AM85C30 Datasheet HTML 168Page - Advanced Micro Devices AM85C30 Datasheet HTML 169Page - Advanced Micro Devices AM85C30 Datasheet HTML 170Page - Advanced Micro Devices AM85C30 Datasheet HTML 171Page - Advanced Micro Devices AM85C30 Datasheet HTML 172Page - Advanced Micro Devices AM85C30 Datasheet HTML 173Page - Advanced Micro Devices AM85C30 Datasheet HTML 174Page - Advanced Micro Devices AM85C30 Datasheet HTML 175Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 194 page
background image
SCC Application Notes
AMD
7–22
QC
QB
A23
CS
Am8530H
CLK
CLR
B
A
QD
Am29809
A18
A11
A 1
A 4
LDS
R/
W
INT
RD
D/
C
74LS74
CP
D
Q
CLK
74LS32
74LS32
74LS04
74LS02
ANYE
ACK
Am29806
CLK
DTACK
68000
74LS04
CLK
EI
0
1
2
3
4
A0
A1
A2
A 1
A 2
A 3
A
B
C
1
2
3
4
INTA
A
B
C
G2A
A
B
CLR
CLK
7
74LS138
Q E
QF
OC
74LS16
CLK
INTA
WR
74LS138
PCLK
CLK/2
12
3
74LS04
G
A 7
A 0
CLK
EOUT
CLK/2
VCC
G
EOUT
•
•
•
A0
•
•
•
S1
S0
PRE
8
6
A5
•
•
•
A10
A 3
IPL 0
IPL 1
IPL 2
FC 1
FC 2
FC 0
AS
OTHER
INTRRUPTS
INTA
FOR OTHER
INTERRUPTING
DEVICES
74LS164
BIP SWITCHES OR
SOLDER
BRIDGES FOR SETTING
ADDRESS
74LS04
CONNECT FOR DESIRED
NUMBER OF WAIT STATES
74LS164
74LS02
74LS04
74LS04
74LS148
A5
OSC
Figure 7–12. Am8530H to 68000 Connection with Interrupts Using SSI and MSI
The data bus between the 68000 and the Am8530H are directly linked together. The
Am29806 decodes the address and generates
CS for the peripheral and produces ANYE,
which is used by the 74LS164, to generate Wait States. The 74LS164 controls the num-
ber of wait states by the “C” input which in turn controls the
DTACK signal to the CPU.
This allows
RD and WR to obtain the required 400 ns width. A1 generates the C/D input
to the Am8530H while the remaining address lines are connected to the Am29809 ad-
dress comparator.
The Am29809 Comparator and the Am29806 Comparator/Decoder provides high-speed
address selection as well as an open collector acknowledge driver. This allows memories
and peripherals to be conveniently wire-ORed to the processor’s
DTACK pin. This inter-
face does not provide a hardware reset; therefore, it is necessary to do a dummy read to
the control port before issuing a software reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com