Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM85C30 Datasheet(PDF) 167 Page - Advanced Micro Devices

Part # AM85C30
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 167 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 163Page - Advanced Micro Devices AM85C30 Datasheet HTML 164Page - Advanced Micro Devices AM85C30 Datasheet HTML 165Page - Advanced Micro Devices AM85C30 Datasheet HTML 166Page - Advanced Micro Devices AM85C30 Datasheet HTML 167Page - Advanced Micro Devices AM85C30 Datasheet HTML 168Page - Advanced Micro Devices AM85C30 Datasheet HTML 169Page - Advanced Micro Devices AM85C30 Datasheet HTML 170Page - Advanced Micro Devices AM85C30 Datasheet HTML 171Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 194 page
background image
SCC Application Notes
AMD
7-18
7.5.1.2
Initialization Routines
The sample assembly initialization routine, Figure 7-9 takes into account the READ/ WRITE
recovery time and has been tested in an 8 MHz system. The interrupt service routines for
Channel B are for testing only and are not intended as realistic examples. Also, Figure 7-
10 shows a sample initialization sequence written in "C."
AMC AMDOS 8/8 64K, Version 2.00 - 9/26/80
type int8530.a86
;
THIS ROUTINE WRITTEN FOR THE 8086
;
INITIALIZES THE 8530 SCC FOR ASYNCHRONOUS
;
OPERATION AT 9600 BAUD.
;
REGISTER USAGE
;
AX
INPUT AND OUTPUT DATA
;
BX
COUNTER
;
DX
ADDRESS OF PORT
;
BP
POINTER TO MEMORY
CMD
EQU
0F902H
;COMMAND/STATUS PORT
DATA
EQU
0F900H
;DATA PORT
TAB
EQU
OFFSET TABLE
ET
EQU
OFFSET ETB
ORG
0100H
START:
MOV
DX,CMD
;GET ADDRESS OF CMD PORT
IN
AL,DX
;READ STATUS TO SET STATE
MOV
BX,ET-TAB
;GET TABLE LENGTH
MOV
BP,TAB
;POINT TO TABLE
RPT:
MOV
AL,[BP]
;GET DATA FROM TABLE
OUT
DX,AL
;OUTPUT ADDRESS OF REGISTER
INC
BP
;INCREMENT TABLE POINTER
MOV
AL,[BP]
;GET DATA
OUT
DX,AL
;OUTPUT DATA TO REGISTER
INC
BP
;INCREMENT TABLE POINTER
DEC
BX
;COUNT-1
JZ
RPT
;REPEAT IF NOT DONE
;PROGRAM CONTINUES AS DESIRED
TABLE
DB
009H
;ADDRESS WR9
DB
0C0H
;RESET COMMAND
DB
003H
;ADDRESS WR3
DB
041H
;# OF BITS ETC.
DB
004H
;ADDRESS WR4
DB
04CH
;DATA
DB
005H
;ADDRESS WR5
DB
028H
;BITS/CHAR AND TXEN
DB
00BH
;ADDRESS WR11
DB
056H
;SELECT BAUD GEN
DB
00CH
;ADDRESS WR12
DB
00CH
;UPPER TC
DB
00DH
;ADDRESS WR13
DB
000H
;LOWER TC
DB
00EH
;ADDRESS WR14
DB
007H
;SET DTR AND ENABLE BAUD GEN
ETB:
END
Figure 7-9. SCC Initialization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com