Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530 Datasheet(PDF) 36 Page - Advanced Micro Devices

Part # AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Datasheet(HTML) 36 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 32Page - Advanced Micro Devices AM8530 Datasheet HTML 33Page - Advanced Micro Devices AM8530 Datasheet HTML 34Page - Advanced Micro Devices AM8530 Datasheet HTML 35Page - Advanced Micro Devices AM8530 Datasheet HTML 36Page - Advanced Micro Devices AM8530 Datasheet HTML 37Page - Advanced Micro Devices AM8530 Datasheet HTML 38Page - Advanced Micro Devices AM8530 Datasheet HTML 39Page - Advanced Micro Devices AM8530 Datasheet HTML 40Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 194 page
background image
I/O Programming Functional Description
AMD
3–5
D7
W/DMA
REQ
Enable
D6
W/DMA
REQ
Funct.
D5
W/DMA
REQ on
Rx/Tx
D4
D3
D2
Parity
INT
Enable
D1
Tx
INT
Enable
D0
Ext/Sta
INT
Enable
0
0
1
1
0
1
0
1
— Rx INT Disable
— Rx INT on 1st Char. or
Special Condition
— INT on All Rx Char. or
Special Condition
— Rx INT on Special Only
WR1—Interrupt Source IE
3.4.2
Interrupt Pending Bit
The Interrupt Pending (IP) bit for a given source of interrupt may be set by the presence
of an interrupt condition in the SCC and is reset directly by the processor, or indirectly by
some action that the processor may take. If the corresponding IE bit is not set, the IP for
that source of interrupt will never be set. The IP bits in the SCC are read-only via RR3 as
shown above.
D7
0
D6
0
D5
Ch. A
Rx
IP
D4
Ch. A
Tx
IP
D3
Ch. A
Ext/Sta
IP
D2
Ch. B
Rx
IP
D1
Ch. B
Tx
IP
D0
Ch. B
Ext/Sta
IP
RR3—Interrupt Pending
3.4.3
Interrupt Under Service Bit
The Interrupt Under Service (IUS) bits are not observable by the processor. An IUS bit is
set during an Interrupt Acknowledge cycle for the highest-priority IP. The IUS bit is used
to control the operation of internal and external daisy chain interrupts. The internal daisy
chain links the six sources of interrupt in a fixed order, chaining the IUS bits for each
source. While an internal IUS bit is set, all lower-priority interrupt requests are masked
off; during an Interrupt Acknowledge cycle the IP bits are also gated into the daisy chain.
This insures that the highest-priority IP selected will have its IUS bit set. At the end of an
interrupt service routine, the processor must issue a Reset Highest IUS Command in
WR0 to re-enable lower-priority interrupts. This is the only way, short of a software or
hardware reset, that an IUS bit may be reset.
3.4.4
Disable Lower Chain Bit
The Disable Lower Chain (DLC) bit in WR9 (D2) is used to disable all SCCs in a lower
position on the external daisy chain. If this bit is set to ‘1’, the IEO pin is driven Low and
prevents lower-priority devices from generating an interrupt request. Note that the IUS bit,
when set, will have the same effect but is not controllable through software, and the point
where lower-priority interrupts are masked off may not correspond to the chip boundary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com