Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530 Datasheet(PDF) 60 Page - Advanced Micro Devices

Part # AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Datasheet(HTML) 60 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 56Page - Advanced Micro Devices AM8530 Datasheet HTML 57Page - Advanced Micro Devices AM8530 Datasheet HTML 58Page - Advanced Micro Devices AM8530 Datasheet HTML 59Page - Advanced Micro Devices AM8530 Datasheet HTML 60Page - Advanced Micro Devices AM8530 Datasheet HTML 61Page - Advanced Micro Devices AM8530 Datasheet HTML 62Page - Advanced Micro Devices AM8530 Datasheet HTML 63Page - Advanced Micro Devices AM8530 Datasheet HTML 64Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 194 page
background image
Data Communication Modes Functional Description
AMD
4–8
D1
D0
P
D4 D3
D2 D1
D0
Figure 4–6. Five Bits/Character with Parity
The character length may be changed at any time before the new number of bits have
been assembled by the receiver. Care should be exercised, however, as unexpected re-
sults may occur if not properly timed. A representative example of switching from five bits
to eight bits and back to five bits is shown in Figure 4–7.
87
65
43
21
13
12
11
10
9
8
7
6
21
20
19
18
17
16
15
14
29
28
27
26
25
24
23
22
34
33
32
31
30
29
28
27
39
38
37
36
35
34
32
31
5 BITS
8 BITS
8 BITS
5 BITS
5 BITS
RECEIVE DATA BUFFER
Time
Change From Five to Eight
Change From Eight to Five
Figure 4–7. Changing Character Length
4.4.2
Rx Parity
In all modes of operation bit D0 (Parity Enable) of WR4 determines whether a Parity
check is done. If this bit is set to ‘1’, the receiver calculates a parity check on every char-
acter received, as selected by bit D1 (Parity Even/Odd) of WR4, and compares it with
parity check bit transmitted. If a discrepancy is found the Parity Error status bit in the Re-
ceive Error FIFO is set at the same time that the character is transferred to the Receive
Data FIFO; otherwise, the character received will be assumed to be error free.
The additional bit per character will be visible in the Receive Data FIFO if the data plus
parity is eight bits or less. The parity bit will not be visible when there are eight data bits
per character.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com