Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530 Datasheet(PDF) 59 Page - Advanced Micro Devices

Part # AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Datasheet(HTML) 59 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 55Page - Advanced Micro Devices AM8530 Datasheet HTML 56Page - Advanced Micro Devices AM8530 Datasheet HTML 57Page - Advanced Micro Devices AM8530 Datasheet HTML 58Page - Advanced Micro Devices AM8530 Datasheet HTML 59Page - Advanced Micro Devices AM8530 Datasheet HTML 60Page - Advanced Micro Devices AM8530 Datasheet HTML 61Page - Advanced Micro Devices AM8530 Datasheet HTML 62Page - Advanced Micro Devices AM8530 Datasheet HTML 63Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 194 page
background image
Data Communication Modes Functional Description
AMD
4–7
ter with the Special Condition is read from the Data FIFO. Because under these condi-
tions the FIFO is locked, and prevented from being updated, the status pertinent to the
character read will be valid until an Error Reset command is issued via WR0.
4.4.1
Rx Character Length
The number of consecutive bits assembled in the Receive Shift Register that form a char-
acter in all modes of operation is controlled by bits D7 and D6 of WR3. Five, six, seven,
or eight bits per character may be selected via these two bits. The data plus parity bit (if
enabled) received are right-justified in the receive buffer as shown in Figure 4–6. The
SCC merely takes a snapshot of the receive data stream at the appropriate times, so the
“unused” bits in the receive buffer are only the bits following the character in the data
stream.
Upper Byte
Time Constant
Lower Byte
Time Constant
16-Bit Down Counter
BR Generator
Input
+2
10 x 19-Bit
Frame
Status
FIFO
Receive
Data
FIFO
Receive
Error
FIFO
BR Generator
Output
Receive
Error Logic
Receive
Shift Register
(8 Bits)
14-Bit Counter
3 Bits
Sync Register
& Zero Delete
Hunt Mode (Disync)
CRC Delay
Register
(8 Bits)
CRC Checker
CRC Result
Sync-
CRC
SDLC-CRC
MUX
NRZI Decode
Internal
TxD
MUX
1 Bit
RxD
DPLL
DPLL
DPLL Output
I/O Data Buffer
CPU I/O
Internal Data Bus
To
Transmi
Section
Figure 4–5. SCC Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com